Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191EB Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9191EB
Description  EVALUATION BOARD FOR CELLULAR BASEBAND ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191EB Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS9191EB Datasheet HTML 3Page - Micro Analog systems MAS9191EB Datasheet HTML 4Page - Micro Analog systems MAS9191EB Datasheet HTML 5Page - Micro Analog systems MAS9191EB Datasheet HTML 6Page - Micro Analog systems MAS9191EB Datasheet HTML 7Page - Micro Analog systems MAS9191EB Datasheet HTML 8Page - Micro Analog systems MAS9191EB Datasheet HTML 9Page - Micro Analog systems MAS9191EB Datasheet HTML 10Page - Micro Analog systems MAS9191EB Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
DA9191EB.006
June 30,1997
CONNECTOR DESCRIPTION
Connector name
Pin
Function
SBUS
MAS
uP
The SBUS interface. When using an external uP, leave the jumpers open and
connect the external uP to pins 1,2,3,4 and 5.
1
10
STB is the strobe signal input for the MAS9191A. Connect the pins together
when on-board uP is used.
2
9
SCL is the serial clock input for the MAS9191A. Connect the pins together
when on-board uP is used.
3
8
SRXD is the received data input for the MAS9191A. Connect the pins together
when on-board uP is used.
4
7
STXD is the transmit data output from MAS9191A. Connect the pins together
when on-board uP is used.
5
6
XINT interrupt line from MAS9191A. Connect the pins together when on-board
uP is used.
P4
This connector has six pins, which are connected to micro controller port E. All
the pins are inputs for the micro controller. The pin can either be an analog
input for the uP internal A/D-converter or general purpose digital input.
1
Input PE2.
2
Input PE3.
3
Input PE4.
4
Input PE5.
5
Input PE6.
6
Input PE7.
P5
This connector is closed when MAS9191A generates the clock to the uP. In this case
C50,C51, X2 and R23 should not be mounted.
1 and 2
shorted
uP uses 4.8MHz clock from MAS9191A.
1 and 2
open
uP uses crystal X2
P2
Keypad connector. The keypad is a 4 x 3 matrix, which has the following truth table. The
outputs are driven by 74HC244.
Key
Output
Input
PA6
PA5
PA4
PA3
PA2
PA1
PA0
1
1
1
1
0
1
1
0
2
1
1
1
0
1
0
1
3
1
1
1
0
0
1
1
4
1
1
0
1
1
1
0
5
1
1
0
1
1
0
1
6
1
1
0
1
0
1
1
7
1
0
1
1
1
1
0
8
1
0
1
1
1
0
1
9
1
0
1
1
0
1
1
•
0
1
1
1
1
1
0
0
0
1
1
1
1
0
1
#
0
1
1
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com