Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191EB Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9191EB
Description  EVALUATION BOARD FOR CELLULAR BASEBAND ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191EB Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS9191EB Datasheet HTML 4Page - Micro Analog systems MAS9191EB Datasheet HTML 5Page - Micro Analog systems MAS9191EB Datasheet HTML 6Page - Micro Analog systems MAS9191EB Datasheet HTML 7Page - Micro Analog systems MAS9191EB Datasheet HTML 8Page - Micro Analog systems MAS9191EB Datasheet HTML 9Page - Micro Analog systems MAS9191EB Datasheet HTML 10Page - Micro Analog systems MAS9191EB Datasheet HTML 11Page - Micro Analog systems MAS9191EB Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
DA9191EB.006
June 30,1997
CONNECTOR DESCRIPTION
Connector name
Pin
Function
P7
LCD connector. The HD44780 LCD controller command register exits at
address 0x1FFC and the data register is at address 0x1FFD.
1
Ground.
2
+5Vdc power supply.
3
Contrast control.
4
Register select. Connected to uP line A0 = address 0.
5
LCD enable input.
6
R/W input. Connected to ground. Always in write mode.
7
Data line 0.
8
Data line 1.
9
Data line 2.
10
Data line 3.
11
Data line 4.
12
Data line 5.
13
Data line 6.
14
Data line 7.
RAM MEMORY
FLASH
P6
Physical Flash memory area
0-7FFFH
8000H
1-2
8000H-FFFFH
0-7FFFH
8000H
2-3
0000H-7FFFH
P8
The digital output port at address 0x1FFE.
1
Ground.
2
Data output 0.
3
Data output 1.
4
Data output 2.
5
Data output 3.
6
Data output 4.
7
Data output 5.
8
Data output 6.
9
Data output 7.
10
VDD
P3
RS-232-C interface.
2
Received data from DTE.
3
Transmit data to DTE.
7
Data terminal ready input. Note that this line can be used to reset the entire
evaluation board.
20
Signal ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com