Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9178 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9178
Description  AM Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9178 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9178 Datasheet HTML 1Page - Micro Analog systems MAS9178 Datasheet HTML 2Page - Micro Analog systems MAS9178 Datasheet HTML 3Page - Micro Analog systems MAS9178 Datasheet HTML 4Page - Micro Analog systems MAS9178 Datasheet HTML 5Page - Micro Analog systems MAS9178 Datasheet HTML 6Page - Micro Analog systems MAS9178 Datasheet HTML 7Page - Micro Analog systems MAS9178 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 (8)
DA9178.001
10 Dec, 2003
PAD LAYOUT
VDD QOP QI QOM AGC
VSS RFM RFP PDN AON
1906 µm
1778 µm
OUT
DEC
9178
A1
DIE size = 1.91 x 1.78 mm; PAD size = 100 x 100
µm except for VSS PAD size 104 x 112 µm
Note: Because the substrate of the die is internally connected to VDD, the die has to be connected to VDD or
left floating. Please make sure that VDD is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in the center of VDD pad
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
0
µm
0
µm
Quartz Filter Output for Crystal
QOP
306
µm
19
µm
Quartz Filter Input for Crystal and
External Compensation Capacitor
QI
549
µm
19
µm
Quartz Filter Output for External
Compensation Capacitor
QOM
866
µm
19
µm
AGC Capacitor
AGC
1146
µm
19
µm
Receiver Output
OUT
1389
µm
19
µm
1
Demodulator Capacitor
DEC
1389
µm
1428
µm
AGC On Control
AON
1146
µm
1428
µm
2
Power Down Input
PDN
829
µm
1428
µm
3
Positive Receiver Input
RFP
586
µm
1428
µm
Negative Receiver Input
RFM
269
µm
1428
µm
Power Supply Ground
VSS
16
µm
1407
µm
Notes:
1) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
2) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1
µA which is switched off at power down
3) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com