Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9178 Datasheet (PDF) - Micro Analog systems

MAS9178 Datasheet PDF - Micro Analog systems
Part # MAS9178
Download  MAS9178 Download
File Size   139.9 Kbytes
Page   8 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description AM Receiver IC

MAS9178 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9178 Datasheet PDF - Micro Analog systems

Part # MAS9178
Download  MAS9178 Click to download

File Size   139.9 Kbytes
Page   8 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description AM Receiver IC

MAS9178 Datasheet (HTML) - Micro Analog systems


MAS9178 Product details

DESCRIPTION
The MAS9178 AM-Receiver chip is a highly sensitive, simple to use AM receiver specially intended to receive time signals in the frequency range from 40 kHz to 100 kHz. Only a few external components are required for time signal receiver. The circuit has preamplifier, wide range automatic gain control, demodulator and output comparator built in. The output signal can be processed directly by an additional digital circuitry to extract the data from the received signal. The control for AGC (automatic gain control) can be used to switch AGC on or off if necessary. Unlike MAS1016A and MAS1016B, MAS9178 does not require AGC control procedure in WWVB and JJY systems.

FEATURES
• Highly Sensitive AM Receiver, 0.4 µVRMS typ.
• Wide Supply Voltage Range from 1.1 V to 3.6 V
• Very Low Power Consumption
• Power Down Control
• Fast Startup
• Only a Few External Components Necessary
• Control for AGC On
• Wide Frequency Range from 40 kHz to 100 kHz
• High Selectivity by Quartz Crystal Filter

APPLICATIONS
• Time Signal Receiver WWVB (USA), JJY (Japan), DCF77 (Germany) and MSF (UK)
• Receiver for ASK Modulated Data Signals




Similar Part No. - MAS9178

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9171A MAS-MAS9171A Datasheet
102Kb / 9P
Parallel In, Parallel Out
MAS9171AS MAS-MAS9171AS Datasheet
102Kb / 9P
Parallel In, Parallel Out
MAS9171AS-T MAS-MAS9171AS-T Datasheet
102Kb / 9P
Parallel In, Parallel Out
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS9179A1 MAS-MAS9179A1 Datasheet
164Kb / 9P
AM Receiver IC
More results


Similar Description - MAS9178

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com