Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9178 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9178
Description  AM Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9178 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS9178 Datasheet HTML 1Page - Micro Analog systems MAS9178 Datasheet HTML 2Page - Micro Analog systems MAS9178 Datasheet HTML 3Page - Micro Analog systems MAS9178 Datasheet HTML 4Page - Micro Analog systems MAS9178 Datasheet HTML 5Page - Micro Analog systems MAS9178 Datasheet HTML 6Page - Micro Analog systems MAS9178 Datasheet HTML 7Page - Micro Analog systems MAS9178 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 (8)
DA9178.001
10 Dec, 2003
TYPICAL APPLICATION (Continued)
Note 2: AGC Capacitor
The AGC and DEC capacitors must have low leakage currents due to very small 40 nA signal currents through
the capacitors. The insulation resistance of these capacitors should be higher than 70 M
Ω. Also probes with at
least 100 M
Ω impedance should be used for voltage probing of AGC and DEC pins. Electrolyte capacitors
cannot be used due to their large leakage current. Instead low leakage tantalum capacitor can be used as AGC
capacitor. DEC capacitor can be low leakage chip capacitor.
Note 3: Power Down / Fast Startup Control
Both power down and fast startup are controlled using the PDN pin. The device is in power down (turned off) if
PDN = VDD and in power up (turned on) if PDN = VSS. Fast startup is triggered by the falling edge of PDN
signal, i.e., controlling device from power down to power up. The startup time without using the fast startup
control can be several minutes but with fast startup it is shortened typically to 12 s.
Note 4: Optional Control for AGC On/Hold
AON control pin has internal pull up which turns AGC circuit on all the time if AON pin is left unconnected.
Optionally AON control can be used to hold and release AGC circuit. Stepper motor drive etc. can produce
disturbing amount of noise which can shift the input amplifier gain to unoptimal level. This can be avoided by
controlling AGC hold (AON=VSS) during stepper motor drive periods and releasing AGC (AON=VDD) when
motors are not driven.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com