Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9178 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9178
Description  AM Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9178 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9178 Datasheet HTML 1Page - Micro Analog systems MAS9178 Datasheet HTML 2Page - Micro Analog systems MAS9178 Datasheet HTML 3Page - Micro Analog systems MAS9178 Datasheet HTML 4Page - Micro Analog systems MAS9178 Datasheet HTML 5Page - Micro Analog systems MAS9178 Datasheet HTML 6Page - Micro Analog systems MAS9178 Datasheet HTML 7Page - Micro Analog systems MAS9178 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 (8)
DA9178.001
10 Dec, 2003
TYPICAL APPLICATION (Continued)
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFP
RFM
VDD
VSS
PDN
AGC
DEC
OUT
QOP
QI
QOM
AON
+
1.4 V
Receiver
Output
C
AGC
10 µF
C
DEC
47 nF
Note 3
Power Down /
Fast Startup
Control
Note 2
Note 1
Note 4
Optional
Control
for AGC on/hold
Ferrite
Antenna
Antenna
Frequency
Selection
Figure 3
Dual band application circuit of external compensation capacitance version MAS9178A5.
Note 1: Crystal
The crystal as well as ferrite antenna frequencies are chosen according to the time-signal system (Table 1). The
crystal shunt capacitance C0 should be matched as well as possible with the internal shunt capacitance
compensation capacitor CC=0.875 pF of MAS9178A1. External compensation pad QOM is unconnected in
MAS9178A1. MAS9178A5 does not have internal compensation capacitance CC and it requires use of external
compensation capacitor CC_EXT. It must be connected between pins QOM and QI (see figure 2). CC_EXT should
have equal value with crystal’s effective shunt capacitance C0. External compensation version MAS9178A5
should be used when fixed 0.875 pF compensation capacitance of MAS9178A1 does not match well with used
crystal’s shunt capacitance.
It should be noted that grounded crystal package has reduced shunt capacitance. This value is about 85% of
floating crystal shunt capacitance. PCB traces of crystal and external compensation capacitance should be kept
at minimum to minimize additional parasitic capacitance which can cause capacitance mismatching.
In dual band receiver configuration the crystals can be connected in parallel thus external compensation
capacitor value CC_EXT must be sum of two crystals’ shunt capacitances. Instead of parallel crystal connection it
is also possible to connect other crystal from QOP pin and the other crystal from QOM pin to common QI pin
(figure 3). In this circuit configuration no external compensation capacitor is required since the crystals
compensate each other. The sensitivity of dual band receiver configuration will be lower than that of single band
receiver configuration since the noise band width of crystal filter with two parallel crystals is double.
Time-Signal System
Location
Antenna Frequency
Recommended Crystal Frequency
DCF77
Germany
77.5 kHz
77.503 kHz
MSF
United Kingdom
60 kHz
60.003 kHz
WWVB
USA
60 kHz
60.003 kHz
JJY
Japan
40 kHz and 60 kHz
40.003 kHz and 60.003 kHz
Table 1
Time-Signal System Frequencies



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com