Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9178 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9178
Description  AM Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9178 Datasheet(HTML) 7 Page - Micro Analog systems

  MAS9178 Datasheet HTML 1Page - Micro Analog systems MAS9178 Datasheet HTML 2Page - Micro Analog systems MAS9178 Datasheet HTML 3Page - Micro Analog systems MAS9178 Datasheet HTML 4Page - Micro Analog systems MAS9178 Datasheet HTML 5Page - Micro Analog systems MAS9178 Datasheet HTML 6Page - Micro Analog systems MAS9178 Datasheet HTML 7Page - Micro Analog systems MAS9178 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 (8)
DA9178.001
10 Dec, 2003
SAMPLES IN SBDIL 20 PACKAGE
VDD 1
NC 2
QOP 3
NC 4
QI 5
NC 6
QOM 7
NC 8
AGC 9
NC 10
20 VSS
19 NC
18 RFM
17 RFP
16 NC
15 PDN
14 AON
13 DEC
12 NC
11 OUT
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
x =1, 5 Sample Version Number
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
VDD
1
P
Positive Power Supply
NC
2
QOP
3
AO
Quartz Filter Output for Crystal
NC
4
1
QI
5
AI
Quartz Filter Input for Crystal and
External Compensation Capacitor
NC
6
1
QOM
7
AO
Quartz Filter Output for External
Compensation Capacitor
NC
8
AGC
9
AO
AGC Capacitor
NC
10
OUT
11
DO
Receiver Output
2
NC
12
DEC
13
AO
Demodulator Capacitor
AON
14
DI
AGC On Control
3
PDN
15
AI
Power Down Input
4
NC
16
RFP
17
AI
Positive Receiver Input
RFM
18
AI
Negative Receiver Input
NC
19
VSS
20
G
Power Supply Ground
Notes:
1) Pins 4 and 6 around quartz crystal filter input pins must be connected to VSS to eliminate DIL package
leadframe parasitic capacitances disturbing the crystal filter performance. All other NC (Not Connected)
pins are also recommended to be connected to VSS to minimize noise coupling.
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1
µA which is switched off at power down
4) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com