Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9178 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9178
Description  AM Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9178 Datasheet(HTML) 8 Page - Micro Analog systems

  MAS9178 Datasheet HTML 1Page - Micro Analog systems MAS9178 Datasheet HTML 2Page - Micro Analog systems MAS9178 Datasheet HTML 3Page - Micro Analog systems MAS9178 Datasheet HTML 4Page - Micro Analog systems MAS9178 Datasheet HTML 5Page - Micro Analog systems MAS9178 Datasheet HTML 6Page - Micro Analog systems MAS9178 Datasheet HTML 7Page - Micro Analog systems MAS9178 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8 (8)
DA9178.001
10 Dec, 2003
SAMPLE INFORMATION
Product Code
Product
Description
Capacitance Option
MAS9178A1TB00.01
AM-Receiver IC with
Differential Input
EWS-tested wafer,
Thickness 480 µm.
CC = 0.875 pF
MAS9178A5TB00.01
AM-Receiver IC with
Differential Input
EWS-tested wafer,
Thickness 480 µm.
External
Compensation
Capacitor
MAS9178A1TC00.01
AM-Receiver IC with
Differential Input
EWS-tested wafer,
Thickness 400 µm.
CC = 0.875 pF
MAS9178A5TC00.01
AM-Receiver IC with
Differential Input
EWS-tested wafer,
Thickness 400 µm.
External
Compensation
Capacitor
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown
in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that
the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog
Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com