Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD703003A Datasheet HTML 1Page - Renesas Technology Corp UPD703003A Datasheet HTML 2Page - Renesas Technology Corp UPD703003A Datasheet HTML 3Page - Renesas Technology Corp UPD703003A Datasheet HTML 4Page - Renesas Technology Corp UPD703003A Datasheet HTML 5Page - Renesas Technology Corp UPD703003A Datasheet HTML 6Page - Renesas Technology Corp UPD703003A Datasheet HTML 7Page - Renesas Technology Corp UPD703003A Datasheet HTML 8Page - Renesas Technology Corp UPD703003A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1998
DATA SHEET
The mark
shows major revised points.
µPD703003A,703004A,703025A,703003A(A),703025A(A)
MOS INTEGRATED CIRCUIT
DESCRIPTION
The
µPD703003A, 703004A, 703025A, 703003A(A), and 703025A(A) are members of the V850 Series of 32-bit
single-chip microcontrollers designed for real-time control operations.
These microcontrollers provide on-chip
features including a 32-bit CPU core, ROM, RAM, an interrupt controller, a real-time pulse unit, a serial interface, an
A/D converter, a D/A converter, and PWM.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V853 Hardware User’s Manual:
U10913E
V850 Series Architecture User’s Manual:
U10243E
FEATURES
• Number of instructions: 74
•
Advanced internal interrupt controller
• Minimum instruction execution time:
•
Real-time pulse unit suitable for control operations
30 ns (@ 33 MHz operation)
•
Powerful serial interface
• General-purpose registers: 32 bits
× 32 registers
(With on-chip dedicated baud rate generator)
• Instruction set optimized for control applications
•
On-chip clock generator
• Internal memory
•
10-bit resolution A/D converter: 8 channels
ROM: 256 KB (
µPD703025A, 703025A(A))
•
8-bit resolution D/A converter: 2 channels
128 KB (
µPD703003A, 703003A(A))
•
8-/9-/10-/12-bit resolution PWM: 2 channels
96 KB (
µPD703004A)
•
Power saving functions
RAM: 8 KB (
µPD703025A, 703025A(A))
4 KB (
µPD703003A, 703004A, 703003A(A))
V853
32-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U13188EJ6V1DS00 (6th edition)
Date Published August 2005 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com