Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 6Page - Renesas Technology Corp UPD703003A Datasheet HTML 7Page - Renesas Technology Corp UPD703003A Datasheet HTML 8Page - Renesas Technology Corp UPD703003A Datasheet HTML 9Page - Renesas Technology Corp UPD703003A Datasheet HTML 10Page - Renesas Technology Corp UPD703003A Datasheet HTML 11Page - Renesas Technology Corp UPD703003A Datasheet HTML 12Page - Renesas Technology Corp UPD703003A Datasheet HTML 13Page - Renesas Technology Corp UPD703003A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
8
Data Sheet U13188EJ6V1DS
2. PIN FUNCTIONS
2.1 Port Pins
(1/2)
Pin Name
I/O
Function
Alternate Function
P00
I/O
Port 0
TO110
P01
8-bit I/O port
TO111
P02
Input/output can be specified in 1-bit units.
TCLR11
P03
TI11
P04
INTP110
P05
INTP111
P06
INTP112
P07
INTP113/ADTRG
P10
I/O
Port 1
TO120
P11
8-bit I/O port
TO121
P12
Input/output can be specified in 1-bit units.
TCLR12
P13
TI12
P14
INTP120
P15
INTP121/SO2
P16
INTP122/SI2
P17
INTP123/SCK2
P20
I/O
Port 2
PWM0
P21
8-bit I/O port
PWM1
P22
Input/output can be specified in 1-bit units.
TXD0/SO0
P23
RXD0/SI0
P24
SCK0
P25
TXD1/SO1
P26
RXD1/SI1
P27
SCK1
P30
I/O
Port 3
TO130
P31
8-bit I/O port
TO131
P32
Input/output can be specified in 1-bit units.
TCLR13
P33
TI13
P34
INTP130
P35
INTP131/SO3
P36
INTP132/SI3
P37
INTP133/SCK3
P40 to P47
I/O
Port 4
AD0 to AD7
8-bit I/O port
Input/output can be specified in 1-bit units.
P50 to P57
I/O
Port 5
AD8 to AD15
8-bit I/O port
Input/output can be specified in 1-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com