Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 35Page - Renesas Technology Corp UPD703003A Datasheet HTML 36Page - Renesas Technology Corp UPD703003A Datasheet HTML 37Page - Renesas Technology Corp UPD703003A Datasheet HTML 38Page - Renesas Technology Corp UPD703003A Datasheet HTML 39Page - Renesas Technology Corp UPD703003A Datasheet HTML 40Page - Renesas Technology Corp UPD703003A Datasheet HTML 41Page - Renesas Technology Corp UPD703003A Datasheet HTML 42Page - Renesas Technology Corp UPD703003A Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
37
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
Data Sheet U13188EJ6V1DS
5. RECOMMENDED SOLDERING CONDITIONS
The
µPD703003A, 703004A, 703025A, 703003A(A), and 703025A(A) should be soldered and mounted under the
following recommended conditions.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Table 5-1. Surface Mounting Type Soldering Conditions (1/2)
(1)
µPD703003AGC-33-×××-8EU:
100-pin plastic LQFP (fine pitch) (14
× 14)
µPD703004AGC-33-×××-8EU:
100-pin plastic LQFP (fine pitch) (14
× 14)
µPD703025AGC-33-×××-8EU:
100-pin plastic LQFP (fine pitch) (14
× 14)
µPD703003AGC(A)-33-×××-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14)
µPD703025AGC(A)-33-×××-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
IR35-107-2
VPS
VP15-107-2
Partial heating
—
Note After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
Remark
For soldering methods and conditions other than those recommended above, consult an NEC Electronics
sales representative.
Package peak temperature: 235
°C, Time: 30 seconds max. (at 210°C or
higher), Count: Two times or less, Exposure limit: 7 daysNote (after that,
prebake at 125
°C for 10 to 72 hours)
Package peak temperature: 215
°C, Time: 25 to 40 seconds (at 200°C or
higher), Count: Two times or less, Exposure limit: 7 daysNote (after that,
prebake at 125
°C for 10 to 72 hours)
Pin temperature: 300
°C max., Time 3 seconds max. (per pin row)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com