Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 10Page - Renesas Technology Corp UPD703003A Datasheet HTML 11Page - Renesas Technology Corp UPD703003A Datasheet HTML 12Page - Renesas Technology Corp UPD703003A Datasheet HTML 13Page - Renesas Technology Corp UPD703003A Datasheet HTML 14Page - Renesas Technology Corp UPD703003A Datasheet HTML 15Page - Renesas Technology Corp UPD703003A Datasheet HTML 16Page - Renesas Technology Corp UPD703003A Datasheet HTML 17Page - Renesas Technology Corp UPD703003A Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
12
Data Sheet U13188EJ6V1DS
2.3 Pin I/O Circuits and Recommended Connection of Unused Pins
The I/O circuit type of each pin and recommended connection of unused pins are shown in Table 2-1. Figure 2-
1 illustrates the various circuit types using partially abridged diagrams.
It is recommended that 1 to 10 k
Ω resistors be used when connecting to VDD or VSS via a resistor.
Table 2-1. Types of Pin I/O Circuits and Recommended Connection of Unused Pins (1/2)
Pin Name
I/O Circuit Type
Recommended Connection of Unused Pins
P00/TO110, P01/TO111
5
Input: Independently connect to VDD or VSS via a resistor.
P02/TCLR11, P03/TI11,
8
Output: Leave open.
P04/INTP110 to P07/INTP113/ADTRG
P10/TO120, P11/TO121
5
P12/TCLR12, P13/TI12
8
P14/INTP120
P15/INTP121/SO2
P16/INTP122/SI2
P17/INTP123/SCK2
P20/PWM0, P21/PWM1
5
P22/TXD0/SO0
P23/RXD0/SI0, P24/SCK0
8
P25/TXD1/SO1
5
P26/RXD1/SI1, P27/SCK1
8
P30/TO130, P31/TO131
5
P32/TCLR13, P33/TI13
8
P34/INTP130
P35/INTP131/SO3
10-A
P36/INTP132/SI3
P37/INTP133/SCK3
P40/AD0 to P47/AD7
5
P50/AD8 to P57/AD15
P60/A16 to P63/A19
P70/ANI0 to P77/ANI7
9
Connect directly to VSS.
P90/LBEN
5
Input: Independently connect to VDD or VSS via a resistor.
P91/UBEN
Output: Leave open.
P92/R/W
P93/DSTB
P94/ASTB
P95/HLDAK
P96/HLDRQ
P110/TO140, P111/TO141
P112/TCLR14, P113/TI14
8
P114/INTP140 to P117/INTP143
ANO0, ANO1
12
Leave open.
NMI
2
Connect directly to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com