Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD703003A Datasheet HTML 1Page - Renesas Technology Corp UPD703003A Datasheet HTML 2Page - Renesas Technology Corp UPD703003A Datasheet HTML 3Page - Renesas Technology Corp UPD703003A Datasheet HTML 4Page - Renesas Technology Corp UPD703003A Datasheet HTML 5Page - Renesas Technology Corp UPD703003A Datasheet HTML 6Page - Renesas Technology Corp UPD703003A Datasheet HTML 7Page - Renesas Technology Corp UPD703003A Datasheet HTML 8Page - Renesas Technology Corp UPD703003A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
2
Data Sheet U13188EJ6V1DS
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD703003AGC-33-×××-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD703003AGC-33-×××-8EU-A
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD703004AGC-33-×××-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD703025AGC-33-×××-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD703025AGC-33-×××-8EU-A
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD703003AGC(A)-33-×××-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Special
µPD703025AGC(A)-33-×××-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Special
Remarks 1.
××× indicates ROM code suffix.
2. Products with -A at the end of the part number are lead-free products.
The
µPD703003A, 703025A and µPD703003A(A), 703025A(A) differ in the quality grade only.
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by NEC
Electronics Corporation to know the specification of the quality grade on the devices and its recommended
applications.
APPLICATIONS
µPD703003A, 703004A, 703025A: Camcorders, VCRs, PPCs, LBPs, printers, motor controllers, NC machine
tools, mobile telephones, etc.
µPD703003A(A), 703025A(A):
Medical equipment, automotive appliances, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com