Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 24Page - Renesas Technology Corp UPD703003A Datasheet HTML 25Page - Renesas Technology Corp UPD703003A Datasheet HTML 26Page - Renesas Technology Corp UPD703003A Datasheet HTML 27Page - Renesas Technology Corp UPD703003A Datasheet HTML 28Page - Renesas Technology Corp UPD703003A Datasheet HTML 29Page - Renesas Technology Corp UPD703003A Datasheet HTML 30Page - Renesas Technology Corp UPD703003A Datasheet HTML 31Page - Renesas Technology Corp UPD703003A Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
26
Data Sheet U13188EJ6V1DS
(6) Write timing (1/2)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Delay time from CLKOUT
↑ to address <20> tDKA
3
20
ns
Delay time from CLKOUT
↑ to R/W, UBEN, LBEN <78> tDKA2
–2
+13
ns
Delay time from CLKOUT
↓ to ASTB <22> tDKST
3
15
ns
Delay time from CLKOUT
↑ to DSTB <23> tDKD
3
15
ns
WAIT setup time (to CLKOUT
↓) <26> tSWTK
5
ns
WAIT hold time (from CLKOUT
↓) <27> tHKWT
5
ns
Address hold time (from CLKOUT
↑) <28> tHKA
0
ns
Address setup time (to ASTB
↓) <29> tSAST
–40
°C ≤ TA ≤ +70°C
0.5T – 10
ns
70
°C < TA ≤ 85°C
0.5T – 12
ns
Address hold time (from ASTB
↓) <30> tHSTA
0.5T – 10
ns
Delay time from ASTB
↓ to DSTB↓ <34> tDSTD
0.5T – 10
ns
Delay time from DSTB
↓ to ASTB↓ <37> tDDSTH
0.5T – 10
ns
DSTB low-level width
<39> tWDL
–40
°C ≤ TA ≤ +70°C
(1 + n)T – 10
ns
70
°C < TA ≤ 85°C
(1 + n)T – 13
ns
ASTB high-level width
<40> tWSTH
T – 10
ns
WAIT setup time (to address)
<41> tSAWT1
n
≥ 1, –40°C ≤ TA ≤ +70°C
1.5T – 20
ns
n
≥ 1, 70°C < TA ≤ 85°C
1.5T – 24
ns
<42> tSAWT2
n
≥ 1, –40°C ≤ TA ≤ +70°C
(1.5 + n)T – 20
ns
n
≥ 1, 70°C < TA ≤ 85°C
(1.5 + n)T – 24
ns
WAIT hold time (from address)
<43> tHAWT1
n
≥ 1
(0.5 + n)T
ns
<44> tHAWT2
n
≥ 1
(1.5 + n)T
ns
WAIT setup time (to ASTB
↓)
<45> tSSTWT1
n
≥ 1, –40°C ≤ TA ≤ +70°C
T – 18
ns
n
≥ 1, 70°C < TA ≤ 85°C
T – 20
ns
<46> tSSTWT2
n
≥ 1
(1 + n)T – 15
ns
WAIT hold time (from ASTB
↓)
<47> tHSTWT1
n
≥ 1
nT
ns
<48> tHSTWT2
n
≥ 1
(1 + n)T
ns
Address hold time (from CLKOUT
↑) <49> tDKOD
–40
°C ≤ TA ≤ +70°C
20
ns
70
°C < TA ≤ 85°C
23
ns
Delay time from DSTB
↓ to data output <50> tDDOD
10
ns
Data output hold time (from CLKOUT
↑) <51> tHKOD
0
ns
Data output setup time (to DSTB
↑) <52> tSODD
(1 + n)T – 15
ns
Data output hold time (from DSTB
↑) <53> tHDOD
T – 10
ns
Remarks 1. T = tCYK
2. n indicates the number of wait clocks that are inserted during a bus cycle. The sampling timing may
vary when using the programmable wait insertion function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com