Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5308ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5308ACCZ-R7
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5308ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADL5308
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 22
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VCC)
5.5 V
Current into INP
100 mA
Current into IREF
25 mA
DC Voltage
SUM, INP, IREF, SDA, SCL
−0.3 V to 3.6 V
CREF, CMP, VLOG, HYST
−0.3 V to 3.6 V
PDB
−0.3 V to VCC + 0.3 V
Output Short-Circuit Current Duration
VLOG, CMP, PDB
Indefinite
Temperature
Ambient Operating Range
−40°C to +105°C
Storage Range
−65°C to +150°C
Lead (Soldering, 60 sec)
300°C
Maximum Junction (TJ)
135°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
Table 4. Thermal Resistance
Package Type1
θJA2
θJB3
θJC4
Unit
CC-14-4
86
45
32
°C/W
1 Test Condition 1: thermal impedance simulated values are based upon use of
2S2P JEDEC PCB. For more information, see the Ordering Guide section.
2 θJA is the natural convection junction-to-ambient thermal resistance measured
in a one cubic foot sealed enclosure.
3 θJB is the junction-to-board thermal resistance.
4 θJC is the junction-to-case bottom thermal resistance.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com