Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5308ACCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5308ACCZ-R7
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308ACCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5308ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
ADL5308
SERIAL-PORT INTERFACE
analog.com
Rev. 0 | 18 of 22
PROTOCOL
The ADL5308 can be connected to an I2C bus interface as a
target device to control and monitor several of its internal (analog)
functions. For detailed timing requirements, see Serial-Interface
Timing Specifications. Data is sent one byte at a time, with the most
significant bit (MSB) first. Each instruction consists of one address
byte, followed by one or more data bytes. The ADL5308 supports
single-byte read and write, as well as autoincrement read/write
methods.
ADDRESS
The ADL5308 I2C device read and write addresses consist of a
fixed 7-bit device address equal to 0x6C, followed by one read-write
least significant bit (LSB) address bit. The LSB address bit equals
0 for a write instruction and 1 for a read instruction. The device
write address thus equals 0x6C left-shifted by one bit position
(multiply-by-two), which equals 0xD8. The device read address
equals the write address with the LSB changed from 0 to 1, equal to
0xD9.
SUPPORTED READ AND WRITE METHODS
The ADL5308 supports several I2C read and write methods:
►
Read/write a single register
►
Read/write multiple registers at once through autoincrement
Figure 40 summarizes the procedure for each method. Each trans-
action on the I2C bus is initiated by the controller, and starts with
sending a START condition, an HIGH-LOW transition on the SDA
line while SCL is high. Subsequently, the 8-bit device write address
(of the selected target) is transmitted, one bit per SCL clock pulse.
All addresses and data are transmitted over the bus with the MSB
first.
The ninth clock pulse is reserved to transmit the ACK (acknowl-
edge) signal from the target to the controller, to indicate that the
address is received. To send an ACK, the target pulls the SDA line
low. A NACK (not acknowledge) results if the SDA line remains
high. Depending on the transaction, a series of byte read/write
transfers follows, each ending with an ACK or NACK bit. The
transaction ends with a STOP condition sent by the controller, a
LOW-HIGH transition on the SDA line while SCK is high.
The autoincrement feature provides read/write access to multiple
consecutive registers in a single transaction. Each data byte is read
from/written to the next register with address one higher than the
previous, and followed by an ACK. The last byte read/written is
followed by a NACK for a read, ACK for a write, and a STOP
condition.
Figure 40. ADL5308 Serial Bus Read/Write Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com