Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5308ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5308ACCZ-R7
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5308ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADL5308
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 22
SDA and SCL Interface
Figure 38 shows the bidirectional SDA interface. The SDA output
driver is open-drain and requires an off-chip pull-up resistor at the
receiver. The pull-up resistor can be connected to a maximum
positive supply of 3.6 V. During a register write operation, the SDA
output driver is high-impedance and the SDA input receiver should
be driven by a driver capable driving the input pin capacitance of
0.8 pF at the 200 kHz maximum SDA frequency. A driver output
impedance less than 20 kΩ is recommended.
Figure 38. Simplified SDA Interface
Figure 39 shows the SCL interface for the serial clock input to the
I2C controller. This input is high impedance and should be driven by
a driver capable of driving the input pin capacitance of 0.8 pF at the
400 kHz maximum SCL frequency. A driver output impedance less
than 10 kΩ is recommended.
Figure 39. Simplified SCL Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com