Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5308ACCZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5308ACCZ-R7
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308ACCZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5308ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Data Sheet
ADL5308
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 22
BANDWIDTH
The bandwidth of logarithmic TIAs changes with the input current
IPD, which results in low bandwidth at low input currents, and
gradually increases to high bandwidth at high current levels. In
general, bandwidth and gain have an inverse relationship to each
other, such that increasing the gain of an amplifier typically reduces
its bandwidth and vice versa. Logarithmic TIAs are no exception to
this rule. Using Equation 1, the small-signal gain (transimpedance)
of a TIA, that is, the change in output voltage due to a (small)
change in input current IINP can be expressed as:
Zt=dVLOGdIPD= SLOPE
ln10IINP
(14)
Due to the inherent dynamic range compression by the logarithm,
the TIA gain at low input levels is very high, and thus low bandwidth
is to be expected. Similarly, the transimpedance at high input
currents is much lower, expected to result in higher bandwidth.
Further insight into this relationship between bandwidth and input
current can be obtained from Figure 1, which shows a simplified
schematic of a logarithmic TIA.
The overall topology is usually a negative feedback amplifier using
a diode or the base-emitter junction of a bipolar transistor to estab-
lish the logarithmic transfer from input current to output voltage.
Without feedback, that is, if the gain of the operational amplifier
(Op Amp) is zero, the impedance (to ground) at the input node is
high, most current from the source should flow into the diode, such
that a small parasitic capacitance of the PD and circuit board has
a major impact on the (open-loop) bandwidth of the circuit. The
loop gain in the amplifier reduces the impedance at the input node
by a factor approximately equal to the loop gain, which is roughly
the product of op amp gain, input impedance, and the feedback
diode transconductance. If the loop gain is infinite, the closed-loop
input impedance of the TIA becomes zero, that is, a virtual ground,
and the current through the feedback diode precisely equal to the
source current IS.
In a practical amplifier, where the op amp has high but finite
gain, an increase of the transimpedance gain Zt corresponds to a
decrease of the diode transconductance (which ideally equals the
inverse of Zt) and thus a decrease of the amplifier loop gain. In
turn, a decrease of the loop gain increases the closed-loop input
impedance of the amplifier and given that the input capacitance is
roughly fixed, decreases the amplifier bandwidth. To maintain as
wide as possible bandwidth, it is thus critical to minimize capacitive
loading of the TIA input pins.
NOISE
The noise level produced by a logarithmic TIA is also dependent
on the input current IINP. The output voltage noise is highest at low
input currents (corresponding to the highest small-signal gain), and
lowest at high input current levels. Figure 21 shows the spot noise
spectral density vs. IINP graph. For low input currents, one of the
most dominant noise sources is the 1/f noise of the input NMOS,
shown in Figure 31, which produces a 1/f noise voltage at the input
node.
With a capacitive load at the input, this noise voltage causes an
input 1/f noise current and can produce a hill-shaped spot noise
spectral density curve. Therefore, it is important to minimize the
source capacitance by choosing a PD with as low as possible
equivalent parallel capacitance and as short as possible trace to the
input node. A trade-off between noise density and bandwidth at low
IINP can be made by setting register CF as shown in Figure 18 and
Figure 22 with maximum bandwidth and highest noise density for
CF = 0 (default) and minimum bandwidth and lowest noise density
for CF = 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com