Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5308ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5308ACCZ-R7
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5308ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Data Sheet
ADL5308
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 22
LOGARITHMIC TRANSFER
The logarithmic transimpedance amplifiers (TIA) produce an output
voltage that is (approximately) linearly related to the logarithm of
the input current IPD:
VLOG=SLOPE×log10 IPDIZ
(1)
The logarithmic slope (SLOPE) shows the amount by which the out-
put voltage VLOG changes for each factor of 10 (decade) change
in input current IPD, while the logarithmic intercept IZ shows the
(extrapolated) input current for which the output voltage becomes
zero. The actual device output voltage never reaches zero, but
saturates to the starting voltage of 17 mV for input currents below
10 pA. Both SLOPE and IZ can be obtained by linear regression of
the measured amplifier output voltage vs. a range of input current
levels. The ADL5308 logarithmic slope and intercept of the VLOG −
1.1 V curve are accurately factory trimmed to 200 mV/dec and 3.16
µA respectively. The reason 1.1 V is subtracted from VLOG curve
(the ideal value of VLOG at 3.16 µA) is to place the x-intercept
in the geometric middle of the specified input current range. That
way, the residual slope differences have a minimum impact on the
x-intercept and its equation can be written as:
VLOG−1.1=SLOPE×log10 IPDIZ1P1
(2)
Expressed in dB of input current, Equation 2 can be written as:
VLOG−1.1=SLOPE20× IPD, dB−IZ1P1, dB (3)
Where IPD, dB is the input current in dBA and IZ1P1,dB is the intercept
current in dBA (−110 dBA in this case).
The measurement accuracy obtained with a logarithmic amplifier is
determined by the following two factors:
►
The logarithmic conformance error
►
The temperature drift error
The logarithmic conformance error describes the deviation of the
actual TIA transfer from the ideal log-linear relationship of Equation
3, and is expressed in dB of input current:
ELC=20×VLOGT
SLOPE
+IZ1P1, dB − IPD, dB (4)
Thus ELC shows the resulting measurement error when VLOG of a
logarithmic TIA is measured and Equation 3 is used to determine
the input current that the device is sensing. Since SLOPE and
IZ are usually determined at room temperature only, ELC typically
also contains a contribution due to drift of the TIA transfer over
temperature.
The temperature drift error Edrift describes the measurement error
introduced solely due to the temperature drift of the TIA transfer,
excluding discrepancies of the actual TIA transfer to the ideal
log-linear relationship (logarithmic conformance).
EdriftT = 20SLOPE× VLOGT −VLOGTo (5)
The error, the difference between the output voltage measured
at the operating temperature T and the actual output voltage
measured at the reference temperature To, usually 25°C, is input
referred and expressed in dB (of input current) using the logarithmic
SLOPE. This is accurate as long as the error is relatively small and
the TIA transfer is approximately logarithmic (linear in dB).
OPTICAL MEASUREMENTS
A high-dynamic range optical power monitor can be constructed by
connecting the anode of a reverse biased PD to the input of the
logarithmic TIA, such that the TIA senses the photon-generated di-
ode current. Therefore, it is important to understand the transducer
aspects of a PD, that is, how to interpret the PD current relative
to the incident optical power. In the electrical circuits, the power
dissipated in a resistive load is proportional to the square of the
current, or, vice versa, the current through the load is proportional
to the square root of the dissipated power:
IR= PDISS/R
(6)
In a reverse biased PD, however, the photon-generated PD current
(IPD) itself is directly proportional to the optical power (POPT) absor-
bed in the detector:
IPD=ρ×POPT
(7)
The proportionality constant ρ shows the conversion gain from
optical power to electrical current, is called the responsivity of the
PD. Using the same responsivity, the logarithmic intercept current IZ
of the TIA can be related to an optical intercept power level PZ for
which the ideal log-linear transfer produces an output voltage equal
to zero. The transfer from measured optical power to amplifier
output voltage can therefore be expressed as:
VLOG=SLOPE×log10 POPTPz
(8)
For incident optical power expressed in dB, that is,
PdB, OPT=10×log10POPT
(9)
This becomes:
VLOG=SLOPE10× PdB, OPT−PdB, Z
(10)
Thus the logarithmic slope in mV/dB optical power equals twice the
logarithmic slope in mV/dB of input current IPD (see Equation 3).
Similarly, the optical dynamic range of the TIA in dB equals half the
electrical dynamic range in dB, that is, 70 dB optical vs. 140 dB
electrical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com