Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5308ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5308ACCZ-R7
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5308ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5308ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
ADL5308
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 22
Figure 35. Logarithmic Output Response vs. Time for IINP = 220 µA to 10 nA
Transition
A proprietary PD is used as an input current source for this
measurement, and it is believed that the response time for the
high-to-low current transition is limited by the PD itself, not by the
ADL5308. The 10% to 90% fall-time response time is about 2.4 µs
and the settling time within 2 dB (1 dB optical power) is about 3.5
µs.
CMP, CREF, and HYST Interface
The logarithmic output VLOG is compared to a voltage refer-
ence level using a built-in comparator. The reference voltage,
CREF_DAC, is controlled by an internal 7-bit DAC through I2C
(range 30.6 mV to 1.93 V in 7.4 mV step). When the VLOG
exceeds the CREF_DAC voltage, the comparator output (CMP)
goes to logic low.
The HYST pin voltage sets the hysteresis window, which also
depends on the internal CREF_DAC value, see Figure 29.
Note that the CREF pin is a monitor point to measure the
CREF_DAC output, use a 10 MΩ digital multimeter (DMM). If the
comparator is not used, then disable the COMP_EN register.
Figure 36. Simplified Comparator Interface for CREF_DAC > 0
PDB Interface
The PDB interface pin is shown in Figure 37. The purpose of this
pin is to generate a bias voltage to be used with PDs.
In an optical system, the PD produces an output current proportion-
al to the optical input power. This results in an output dynamic
range that is twice (in dB) the optical input power dynamic range,
and can be quite high. At low input power, the input current can be
very small, on the order of pA. Here it is necessary to minimize the
dark current leakage of the PD by keeping the voltage drop across
the diode as small as possible. At higher input powers, the PD
current can be relatively large (up to 10s of mA). This photocurrent,
impressed on the internal series resistance of the diode, results in
an increasing voltage drop for increasing optical power.
To address the dark current issue, the ADL5308 provides a PDB
that keeps the PD's cathode-to-anode voltage close to zero for
low input current, therefore reducing any dark currents. For higher
current operation, the PDB Interface tracks the input current and
produces an output voltage directly proportional to the input current,
with the gain adjustable by the PDBG register. The transresistance
can be disabled by asserting the PDBG_FIX bit or setting PDBG =
0. The PDB output voltage is limited by the power supply voltage,
VCC.
Figure 37. Simplified Schematic of PDB Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com