Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 6Page - SMSC Corporation USB2524 Datasheet HTML 7Page - SMSC Corporation USB2524 Datasheet HTML 8Page - SMSC Corporation USB2524 Datasheet HTML 9Page - SMSC Corporation USB2524 Datasheet HTML 10Page - SMSC Corporation USB2524 Datasheet HTML 11Page - SMSC Corporation USB2524 Datasheet HTML 12Page - SMSC Corporation USB2524 Datasheet HTML 13Page - SMSC Corporation USB2524 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Chapter 2 Switching Hub Block Diagram
Figure 2.1 Switching Hub Block Diagram
U p stream
V
BUS
U p stream
PH Y
Up strea m
US B D ata
Re p e ate r
C ontro lle r
SIE
Se ria l
In terfac e
S w itc h ing Logic
D o w n stream
PH Y # 1
Po rt #1
OC S e n s e
S w itch D river
L E D Drive rs
Do w n s tre am
PHY # 2
Po rt # 2
OC S en s e
S w itch D rive r
L E D Driv e rs
Do w nstre am
US B D ata
OC
Se nse
Sw itch /L ED
Drivers
D o w n stream
U SB D a ta
OC
S ense
Sw itch /L ED
Drive rs
V
BUS Po w e r
Dete ct
In te rn al
Defa u lts
S e lect
U p stream
PH Y
Up strea m
US B D a ta
Re p e ate r
C ontro lle r
SIE
Pin
S trapping
Optio ns
PL L
24 M H z
Crysta l
3.3V
1.8 V
Re g .
1.8V
Cap
To
E EPR O M
or S M B us
Maste r
SC L S D
D o w n stream
PH Y #4
Po rt # 4
OC S e n s e
S w itch D river
L E D Driv ers
Down stre a m
USB D a ta
OC
S ense
Sw itch/L ED
Drivers
D o w n stream
PH Y # 3
Po rt #3
OC S e n s e
S w itch D river
LE D D rive rs
D o w nstream
USB D a ta
OC
S ense
Switch /L E D
Drive rs
TT
#1
TT
#2
TT
#3
TT
#4
Po rt
C ontro lle r
TT
#1
TT
#2
TT
#3
TT
#4
Po rt
C ontro lle r
R outing Logic
R outing Logic
Po rt
Assig n
[3:0 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com