Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 5Page - SMSC Corporation USB2524 Datasheet HTML 6Page - SMSC Corporation USB2524 Datasheet HTML 7Page - SMSC Corporation USB2524 Datasheet HTML 8Page - SMSC Corporation USB2524 Datasheet HTML 9Page - SMSC Corporation USB2524 Datasheet HTML 10Page - SMSC Corporation USB2524 Datasheet HTML 11Page - SMSC Corporation USB2524 Datasheet HTML 12Page - SMSC Corporation USB2524 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
9
Revision 1.2 (07-17-06)
DATASHEET
1.1
OEM Selectable Features
A default configuration is available in the USB2524 following a reset. This configuration may be
sufficient for some applications. Strapping option pins make it possible to modify a limited sub-set of
the configuration options.
The USB2524 may also be configured by an external EEPROM or a microcontroller. When using the
microcontroller interface, the Hub appears as an SMBus slave device. If the Hub is pin-strapped for
external EEPROM configuration but no external EEPROM is present, then a value of ‘0’ will be written
to all configuration data bit fields (the hub will attach to the host with all ‘0’ values).
The USB2524 supports several OEM selectable features:
Optional OEM configuration via I2C EEPROM or via the industry standard SMBus interface from
an external SMBus Host or Microcontroller.
Compound device support (port is permanently hardwired to a downstream USB peripheral device).
Hardware strapping options enable configuration of the following features (when not configured via
an EEPROM or SMBus host).
Non-Removable Ports
Port Power Polarity (active high or active low logic)
Selection of Single (STT) or Multi-Transaction Translator (MTT) capability.
Selection of Over-Current sensing and Port power control on a individual (port-by-port) or ganged
(all ports together) to match the OEM’s choice of circuit board component selection.
Selection of end-user method of switching ports between hosts
-Embedded Mode: (3-wire interface), 8 default configurations that are controlled by OEM
programmable registers (or Internal default settings).
-Peripheral Mode: (4-wire interface), Each wire directly controls one of the 4 downstream ports.
The interface is selectable between edge triggered operation or level triggered operation for
compatibility with many different mechanical switch configurations or direct control from an external
Microcontroller’s GPIO pins.
Enablement of String Descriptor Support, along with the capability to customize each of the 3
different string descriptors (up to a maximum size of 31 characters each)
Selection of LED Mode: USB Mode, Host Ownership Mode, or Host Ownership Mode with Speed
Indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com