Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 43 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 39Page - SMSC Corporation USB2524 Datasheet HTML 40Page - SMSC Corporation USB2524 Datasheet HTML 41Page - SMSC Corporation USB2524 Datasheet HTML 42Page - SMSC Corporation USB2524 Datasheet HTML 43Page - SMSC Corporation USB2524 Datasheet HTML 44Page - SMSC Corporation USB2524 Datasheet HTML 45Page - SMSC Corporation USB2524 Datasheet HTML 46Page - SMSC Corporation USB2524 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
43
Revision 1.2 (07-17-06)
DATASHEET
7.3.7
Bus Reset Sequence
The SMBus Slave Interface resets and returns to the idle state upon a START field followed
immediately by a STOP field.
7.3.8
SMBus Alert Response Address
The SMBALERT# signal is not supported by the Hub.
7.3.8.1
Undefined Registers
Reads to undefined registers return 00h. Writes to undefined registers have no effect and do not return
an error.
7.3.8.2
Reserved Registers
Unless otherwise instructed, only a ‘0’ may be written to all reserved registers or bits.
7.4
Default Strapping Option
The USB2524 can be configured via a combination of internal default values and pin strap options.
The strapping option pins only cover a limited sub-set of the configuration options. The internal default
values will be used for the bits & registers that are not controlled by a strapping option pin.
The LED_A[4:1]_N pins are sampled after RESET_N negation, and the logic values are used to
configure the hub if the internal default configuration mode is selected. The implementation shown in
Figure 7.1, "LED Strapping Option" shows a recommended passive scheme. When a pin is configured
with a “Strap High” configuration, the LED functions with active low signaling, and the PAD will “sink”
the current from the external supply. When a pin is configured with a “Strap Low” configuration, the
LED functions with active high signaling, and the PAD will source the current to the external LED.
Figure 7.1 LED Strapping Option
7.5
Default Configuration
When configured for Internal Defaults only, the Default ROM values in Table 7.1, "Internal EEPROM &
SMBus Register Memory Map" lists the values which will be used to configure the various hub features.
HUB
100K
Strap Low
LED
Pin
100K
Strap High
LED
Pin
+V
LED
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com