Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2524 Datasheet HTML 1Page - SMSC Corporation USB2524 Datasheet HTML 2Page - SMSC Corporation USB2524 Datasheet HTML 3Page - SMSC Corporation USB2524 Datasheet HTML 4Page - SMSC Corporation USB2524 Datasheet HTML 5Page - SMSC Corporation USB2524 Datasheet HTML 6Page - SMSC Corporation USB2524 Datasheet HTML 7Page - SMSC Corporation USB2524 Datasheet HTML 8Page - SMSC Corporation USB2524 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
SMSC USB2524
DATASHEET
Revision 1.2 (07-17-06)
Datasheet
PRODUCT FEATURES
USB2524
USB MultiSwitchTM Hub
USB2.0 Compatible 4-Port Hub with two upstream
host port connections
— Provides electronic reconfiguration and re-assignment
of any of its 4 downstream ports to either of two
upstream host ports (“on-the-fly”).
— Allows multiple USB hosts to share peripherals and
enables a user to dynamically assign host ownership.
– Embedded Mode - 8 (predefined, OEM
programmable) configurations for port
assignment are selectable via three external
control signals.
– Peripheral Mode - Dedicated select pin for
every downstream port (total of 4), selectable
edge or level triggered in order to support a
wide range of possible switch configurations
and styles.
— Each host has a dedicated Single Transaction
Translator (Single-TT) for supporting FS/LS devices, or
can also operate in Multi-TT mode where each
downstream port has a dedicated Transaction
Translator.
Downstream ports can be disabled or defined as non-
removable
Switching hub can be configured as compound
device for support of ‘embedded’ USB peripherals
Multiple LED modes for maximum implementation
flexibility
— USB Mode - 1 Single-color LED for each downstream
port (total of 8 LED’s).
— Host Ownership Mode - 8 Single-Color LED’s indicate
which upstream host each of the downstream ports are
assigned to.
— Host Ownership & Port Speed Mode - 8 Dual-Color
LED’s are used to indicate which upstream host each
of the downstream ports are assigned to, while
simultaneously indicating downstream port connection
speed.
Enhanced configuration options available through
either a Single Serial I2C EEPROM, or SMBus Slave
Port
— VID/PID/DID
— Port Configuration
— String Descriptors (each can support a maximum length
of 31 characters)
– Custom Manufacturer String
– Custom Product String
– Custom Serial String
— Assignment of downstream ports to upstream hosts
— Switching mechanism selection
Hardware Strapping options allow for configuration
without an external EEPROM or SMBus Host
— Default VID/PID/DID, allows functionality when
configuration EEPROM is absent
Complete USB Specification 2.0 Compatibility
— Includes USB2.0 Hi-Speed Transceivers
— High-Speed (480Mbits/s), Full-Speed (12Mbits/s) and
Low-Speed (1.5Mbits/s) compatible
— Full power management with choice of Individual or
Ganged power control
On-Board 24MHz Crystal Driver Circuit or 24 MHz
external clock driver
Internal PLL for 480MHz USB2.0 Sampling
Internal 1.8V Linear Voltage Regulator
Integrated USB termination and Pull-up/Pull-down
resistors
Internal Short Circuit protection of USB differential
signal pins
1.8 Volt Low Power Core Operation
3.3 Volt I/O with 5V Input Tolerance
56-Pin QFN Green, Lead-free Package


Similar Part No. - USB2524

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
logo
Microchip Technology
USB2524 MICROCHIP-USB2524 Datasheet
943Kb / 58P
USB MultiSwitch Hub
07/14/15
logo
SMSC Corporation
USB2524-ABZJ SMSC-USB2524-ABZJ Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
logo
Microchip Technology
USB2524-ABZJ MICROCHIP-USB2524-ABZJ Datasheet
943Kb / 58P
USB MultiSwitch Hub
07/14/15
logo
SMSC Corporation
USB2524 SMSC-USB2524_07 Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
More results

Similar Description - USB2524

ManufacturerPart #DatasheetDescription
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
USB HUB CONTROLLER
logo
ATMEL Corporation
AT43310 ATMEL-AT43310 Datasheet
247Kb / 25P
USB Hub
AT43311 ATMEL-AT43311 Datasheet
136Kb / 24P
USB Hub
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
USB Hub Controller
logo
SMSC Corporation
USB2524 SMSC-USB2524_07 Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
USB Sensor Hub
logo
Glenair, Inc.
808-086 GLENAIR-808-086 Datasheet
193Kb / 1P
USB Cordset Hub
logo
Microchip Technology
USB2524 MICROCHIP-USB2524 Datasheet
943Kb / 58P
USB MultiSwitch Hub
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com