Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 25Page - SMSC Corporation USB2524 Datasheet HTML 26Page - SMSC Corporation USB2524 Datasheet HTML 27Page - SMSC Corporation USB2524 Datasheet HTML 28Page - SMSC Corporation USB2524 Datasheet HTML 29Page - SMSC Corporation USB2524 Datasheet HTML 30Page - SMSC Corporation USB2524 Datasheet HTML 31Page - SMSC Corporation USB2524 Datasheet HTML 32Page - SMSC Corporation USB2524 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
29
Revision 1.2 (07-17-06)
DATASHEET
7.1.4.25
Register 92h-CFh: Serial String (Reset = 0x00)
7.1.4.26
Register D0h: Port Interface Delay Timer (Reset = 0x00)
7.1.4.27
Register D1h: Port Assign Interface Configuration 0A (Reset = 0x00)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
SER_STR
Serial String, UNICODE UTF-16LE per USB 2.0 Specification
Maximum string length is 31 characters (62 Bytes)
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE
characters. The Characters will be stored starting with the LSB at the
least significant address and the MSB at the next 8-bit location
(subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner). Some EEPROM
programmers may transpose the MSB and LSB, thus reversing the
Byte order. Please pay careful attention to the Byte ordering or your
selected programming tools.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PRTDT
Port Delay Timer: A 0-255 bit value that represents a delay of 0-255ms from
the time a state change is detected on the PRT_ASSIGN[3:0] pins until the
internal logic begins the port switching process for the affected port (or ports)
to a different upstream host.
Note:
This register effectively creates a programmable debounce circuit for
mechanical switches that may be connected to the PRT_ASSIGN[3:0]
interface pins.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_INT_0A
Port Assign Interface 0A: Determines the configuration of the hardware
interface configuration for the assignment of ports 1 & 2 to upstream hosts.
Bit [7:4] = ‘0000’ Port 2 is unassigned
‘0001’ Port 2 owned by UP1
‘0010’ Port 2 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value
Bit [3:0] = ‘0000’ Port 1 is unassigned
‘0001’ Port 1 owned by UP1
‘0010’ Port 1 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com