Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 41Page - SMSC Corporation USB2524 Datasheet HTML 42Page - SMSC Corporation USB2524 Datasheet HTML 43Page - SMSC Corporation USB2524 Datasheet HTML 44Page - SMSC Corporation USB2524 Datasheet HTML 45Page - SMSC Corporation USB2524 Datasheet HTML 46Page - SMSC Corporation USB2524 Datasheet HTML 47Page - SMSC Corporation USB2524 Datasheet HTML 48Page - SMSC Corporation USB2524 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
45
Revision 1.2 (07-17-06)
DATASHEET
8.3
Host Ownership and Port Speed LED Indication:
All 8 LED pins are used in this mode in conjunction with 8 Dual-color LEDs (each LED pair in a single
package) to indicate which upstream Host owns each specific downstream Port, as well as the speed
that the downstream device is operating at.
Each dual-color LED provides two separate colors (commonly Green and Red). If each of these
separate colors are pulsed on and off at a rapid rate, a user will see a third color (in this example,
Orange). By this means, 4 different “color” states are possible (Green, Red, Orange, and Off).
Figure 8.1 Dual Color LED Implementation Example
Figure 8.1shows a simple example of how this LED circuit will be implemented. The Circuit will need
to be replicated for each of the 8 LED pins on the USB2524. In this circuit, when the LED pin is driven
to a logic low state, the Green LED will Light up. When the LED pin is driven to a Logic High state
the Red LED will Light up. When a 1KHz square wave is driven out on the LED pin, the Green and
Red LED’s will both alternately light up giving the effect of the color Orange. When nothing is driven
out on the LED pin (i.e. the pin floats to a “tri-state” condition), neither the Green or Red LED will light
up, this is the “Off” state.
USB2524 LED pin
Green LED
Red LED
3.3V
General
Purpose
Diode
Current limiting
resistor
Connect to other
dual color diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com