Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3003D2 Datasheet HTML 7Page - Texas Instruments TPA3003D2 Datasheet HTML 8Page - Texas Instruments TPA3003D2 Datasheet HTML 9Page - Texas Instruments TPA3003D2 Datasheet HTML 10Page - Texas Instruments TPA3003D2 Datasheet HTML 11Page - Texas Instruments TPA3003D2 Datasheet HTML 12Page - Texas Instruments TPA3003D2 Datasheet HTML 13Page - Texas Instruments TPA3003D2 Datasheet HTML 14Page - Texas Instruments TPA3003D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 9
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50
100 200
500
1 k 2 k
5 k 10 k
PO = 0.5 W
VCC = 12 V,
RL = 8 Ω,
TA = 25°C
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
PO = 1 W
PO = 3.5 W
Figure 10
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
50m 100m 200m 500m
1
2
5
10
VCC = 8.5 V,
RL = 8 Ω,
TA = 25°C
PO − Output Power − W
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
f = 20 Hz
f = 1 kHz
f = 20 KHz
Figure 11
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
50m 100m 200m 500m
1
2
5
10
VCC = 12 V,
RL = 8 Ω,
TA = 25°C
PO − Output Power − W
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
f = 1 kHz
f = 20 kHz
f = 20 Hz
Figure 12
−90
−85
−80
−75
−70
−65
−60
−55
−50
−45
−40
20
100
1 k
10 k
100 k
VCC = 12 V,
RL = 8 Ω
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com