Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3003D2 Datasheet HTML 9Page - Texas Instruments TPA3003D2 Datasheet HTML 10Page - Texas Instruments TPA3003D2 Datasheet HTML 11Page - Texas Instruments TPA3003D2 Datasheet HTML 12Page - Texas Instruments TPA3003D2 Datasheet HTML 13Page - Texas Instruments TPA3003D2 Datasheet HTML 14Page - Texas Instruments TPA3003D2 Datasheet HTML 15Page - Texas Instruments TPA3003D2 Datasheet HTML 16Page - Texas Instruments TPA3003D2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
13
www.ti.com
TYPICAL CHARACTERISTICS
Figure 17
−95
−90
−85
−80
−75
−70
−65
−60
10
100
1 k
10 k
100 k
f − Frequency − Hz
CROSSTALK
vs
FREQUENCY
VCC = 12 V,
Gain = +13.2 dB,
RL = 8 Ω,
PO = 1 W
Figure 18
−80
−100
−110
−130
10
100
1 k
−60
−50
f − Frequency − Hz
MUTE ATTENUATION
vs
FREQUENCY
−30
10 k
−120
−90
−70
−40
VCC = 12 V,
RL = 8 Ω,
VI = 1 Vrms
Class-D,
VOLUME = 0 V
Figure 19
−105
−115
−120
−130
10
100
1 k
−95
−90
f − Frequency − Hz
SHUTDOWN ATTENUATION
vs
FREQUENCY
−80
10 k
−125
−110
−100
−85
VCC = 12 V,
RL = 8 Ω,
VI = 1 Vrms
Gain = +13.2 dB,
Class-D
Figure 20
−90
−80
−70
−60
20
100
1 k
10 k 20 k
f − Frequency − Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VCC = 12 V
−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com