Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA3003D2 Datasheet HTML 20Page - Texas Instruments TPA3003D2 Datasheet HTML 21Page - Texas Instruments TPA3003D2 Datasheet HTML 22Page - Texas Instruments TPA3003D2 Datasheet HTML 23Page - Texas Instruments TPA3003D2 Datasheet HTML 24Page - Texas Instruments TPA3003D2 Datasheet HTML 25Page - Texas Instruments TPA3003D2 Datasheet HTML 26Page - Texas Instruments TPA3003D2 Datasheet HTML 27Page - Texas Instruments TPA3003D2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
24
www.ti.com
APPLICATION INFORMATION
differential input
The differential input stage of the amplifier cancels any noise that appears on both input lines of the channel.
To use the TPA3003D2 with a differential source, connect the positive lead of the audio source to the INP input
and the negative lead from the audio source to the INN input. To use the TPA3003D2 with a single-ended source,
ac ground the INP input through a capacitor equal in value to the input capacitor on INN and apply the audio
source to the INN input. In a single-ended input application, the INP input should be ac-grounded at the audio
source instead of at the device input for best noise performance.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this application section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance the more the real capacitor behaves like an ideal capacitor.
short-circuit protection
The TPA3003D2 has short circuit protection circuitry on the outputs that prevents damage to the device during
output-to-output shorts, output-to-GND shorts, and output-to-VCC shorts. When a short-circuit is detected on
the outputs, the output drive is immediately disabled. This is a latched fault and must be reset by cycling the
voltage on the SD pin to a logic low and back to the logic high state for normal operation. This will clear the
short-circuit flag and allow for normal operation if the short was removed. If the short was not removed, the
protection circuitry will again activate.
thermal protection
Thermal protection on the TPA3003D2 prevents damage to the device when the internal die temperature
exceeds 150
°C. There is a ±15 degree tolerance on this trip point from device to device. Once the die
temperature exceeds the thermal set point, the device enters into the shutdown state and the outputs are
disabled. This is not a latched fault. The thermal fault is cleared once the temperature of the die is reduced by
20
°C. The device begins normal operation at this point with no external system interaction.
thermal considerations: output power and maximum ambient temperature
To calculate the maximum ambient temperature, the following equation may be used:
ΘJA = 45°C/W
where: TJ = 150°C
TAmax = TJ – ΘJAPDissipated
(The derating factor for the 48-pin PFB package is given in the dissipation rating table.)
To estimate the power dissipation, the following equation may be used:
PDissipated = PO(average) x ((1 / Efficiency) – 1)
Efficiency = ~75% for an 8-
Ω load
(8)
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com