Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPA3003D2 Datasheet HTML 26Page - Texas Instruments TPA3003D2 Datasheet HTML 27Page - Texas Instruments TPA3003D2 Datasheet HTML 28Page - Texas Instruments TPA3003D2 Datasheet HTML 29Page - Texas Instruments TPA3003D2 Datasheet HTML 30Page - Texas Instruments TPA3003D2 Datasheet HTML 31Page - Texas Instruments TPA3003D2 Datasheet HTML 32Page - Texas Instruments TPA3003D2 Datasheet HTML 33Page - Texas Instruments TPA3003D2 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
30
www.ti.com
APPLICATION INFORMATION
The transfer function for this circuit is shown in equation (10) where
ωO= REQCEQ, REQ = RFILTRANA and CEQ
= (CFILT + CANA). The filter frequency should be set above fMAX, the highest frequency of the measurement
bandwidth, to avoid attenuating the audio signal. Equation (11) provides this cutoff frequency, fC. The value of
RFILT must be chosen large enough to minimize current that is shunted from the load, yet small enough to
minimize the attenuation of the analyzer-input voltage through the voltage divider formed by RFILT and RANA.
A rule of thumb is that RFILT should be small (~100 Ω) for most measurements. This reduces the measurement
error to less than 1% for RANA ≥ 10 kΩ.
V
OUT
V
IN
+
R
ANA
R
ANA)
R
FILT
1
) j w
w
O
f
C +
2
f
MAX
An exception occurs with the efficiency measurements, where RFILT must be increased by a factor of ten to
reduce the current shunted through the filter. CFILT must be decreased by a factor of ten to maintain the same
cutoff frequency. See Table 3 for the recommended filter component values.
Once fC is determined and RFILT is selected, the filter capacitance is calculated using equation (12). When the
calculated value is not available, it is better to choose a smaller capacitance value to keep fC above the minimum
desired value calculated in equation (11).
C
FILT +
1
2
p
f
C
R
FILT
Table 3 shows recommended values of RFILT and CFILT based on common component values. The value of fC
was originally calculated to be 28 kHz for an fMAX of 20 kHz. CFILT, however, was calculated to be 57000 pF,
but the nearest values of 56000 pF and 51000 pF were not available. A 47000 pF capacitor was used instead,
and fC is 34 kHz, which is above the desired value of 28 kHz.
Table 3. Typical RC Measurement Filter Values
MEASUREMENT
RFILT
CFILT
Efficiency
1 000
Ω
5 600 pF
All other measurements
100
Ω
56 000 pF
(10)
(11)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com