Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA3003D2 Datasheet HTML 16Page - Texas Instruments TPA3003D2 Datasheet HTML 17Page - Texas Instruments TPA3003D2 Datasheet HTML 18Page - Texas Instruments TPA3003D2 Datasheet HTML 19Page - Texas Instruments TPA3003D2 Datasheet HTML 20Page - Texas Instruments TPA3003D2 Datasheet HTML 21Page - Texas Instruments TPA3003D2 Datasheet HTML 22Page - Texas Instruments TPA3003D2 Datasheet HTML 23Page - Texas Instruments TPA3003D2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
20
www.ti.com
APPLICATION INFORMATION
FADE operation
The FADE terminal is a logic input that controls the operation of the volume control circuitry during transitions
to and from the shutdown state and during power-up.
A logic low on this terminal places the amplifier in the fade mode. During power-up or recovery from the
shutdown state (a logic high is applied to the SD terminal), the volume is smoothly ramped up from the mute
state, −75 dB, to the desired volume setting determined by the voltage on the volume control terminal.
Conversely, the volume is smoothly ramped down from the current state to the mute state when a logic low is
applied to the SD terminal. The timing of the volume control circuitry is controlled by an internal 60-Hz clock.
This clock determines the rate at which the gain changes when adjusting the voltage on the external volume
control pins. The gain updates every 4 clock cycles (nominally 67 ms based on a 60 Hz clock) to the next step
until the final desired gain is reached. For example, if the TPA3003D2 is currently in the +0.53 dB class-D gain
step and the VOLUME pin is adjusted for maximum gain at +36 dB, the time required for the gain to reach 36
dB is 14 steps x 67 ms/step = 0.938 seconds. Referencing Table 1, there are 14 steps between the +0.53 dB
gain step and the maximum gain step of +36 dB.
Figure 27 shows a scope capture of the differential output (measured across OUT+ and OUT−) with the amplifier
in the fade mode. A 1 Vpp dc voltage was applied across the differential inputs and a logic low was applied to
the SD terminal at the time defined in the figure. The figure depicts the outputs transitioning from one gain step
to the next lower step at approximately 67 ms/step.
A logic high on this pin disables the volume fade effect during transitions to and from the shutdown state and
during power-up. During power-up or recovery from the shutdown state (a logic high is applied to the SD
terminal), the transition from the mute state, −75 dB, to the desired volume setting is less than 1 ms. Conversely,
the volume ramps down from current state to the mute state within 1 ms when a logic low is applied to the SD
terminal.
Figure 28 shows a scope capture of the differential output with the fade effect disabled. The outputs transition
to the lowest gain state within 1ms of applying a logic low to the SD terminal.
SD = 0V
GND
Figure 27. Differential Output With FADE (Terminal 30) Held Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com