Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA3003D2 Datasheet HTML 15Page - Texas Instruments TPA3003D2 Datasheet HTML 16Page - Texas Instruments TPA3003D2 Datasheet HTML 17Page - Texas Instruments TPA3003D2 Datasheet HTML 18Page - Texas Instruments TPA3003D2 Datasheet HTML 19Page - Texas Instruments TPA3003D2 Datasheet HTML 20Page - Texas Instruments TPA3003D2 Datasheet HTML 21Page - Texas Instruments TPA3003D2 Datasheet HTML 22Page - Texas Instruments TPA3003D2 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
19
www.ti.com
APPLICATION INFORMATION
volume control operation (continued)
If using an analog potentiometer to control the gain, it should be connected between VREF and REFGND.
VREF can be connected to AVDDREF or an external voltage source, if desired. The first and second column
in Table 1 should be used to determine the point at which the gain changes depending on the direction that the
potentiometer is turned. If the voltage on the center tap of the potentiometer is increasing, the first column in
Table 1 should be referenced to determine the trip points. If the voltage is decreasing, the trip points in the
second column should be referenced.
The trip point, where the gain actually changes, is different depending on whether the voltage on the VOLUME
terminal is increasing or decreasing as a result of hysteresis about each trip point. The hysteresis ensures that
the gain control is monotonic and does not oscillate from one gain step to another. A pictorial representation
of the volume control can be found in Figure 26. The graph focuses on three gain steps with the trip points
defined in the first and second columns of Table 1. The dotted lines represent the hysteresis about each gain
step.
The timing of the volume control circuitry is controlled by an internal 60-Hz clock. This clock determines the
rate at which the gain changes when adjusting the voltage on the external volume control pins. The gain updates
every 4 clock cycles (nominally 67 ms based on a 60 Hz clock) to the next step until the final desired gain is
reached. For example, if the TPA3003D2 is currently in the +0.53 dB gain step and the VOLUME pin is adjusted
for maximum gain at +36 dB, the time required for the gain to reach +36 dB is 14 steps x 67ms/step = 0.938
seconds. Referencing Table 1, there are 14 steps between the +0.53 dB gain step and the maximum gain step
of +36 dB.
0.5
3.1
5.6
2.10
2.00
2.11
2.21
Voltage on VOLUME Pin − V
Decreasing Voltage on
VOLUME Terminal
Increasing Voltage on
VOLUME Terminal
(40.1%*VREF)
(44.1%*VREF)
(42.3%*VREF)
(41.9%*VREF)
Figure 26. DC Volume Control Operation, VREF = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com