Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 4Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 5Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 6Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 7Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 8Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 9Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 10Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 11Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
8/140
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to Section 14 "ELECTRICAL CHARACTERISTICS" on page
96.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain 2), PP = push-pull
Refer to Section 10 "I/O PORTS" on page 30 for more details on the software configuration of the I/O
ports.
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1
1
RESET
I/O CT
X
X
Top priority non maskable interrupt (active low)
2
2
OSC1 3)
I
External clock input or Resonator oscillator in-
verter input or resistor input for RC oscillator
3
3
OSC2 3)
O
Resonator oscillator inverter output or capaci-
tor input for RC oscillator
4
4
PB7/SS
I/O
CT
X
ei1
X
X
Port B7
SPI Slave Select (active low)
5
5
PB6/SCK/ISPCLK
I/O
CT
X
ei1
X
X
Port B6
SPI Serial Clock or ISP Clock
6
6
PB5/MISO/ISPDATA
I/O
CT
X
ei1
X
X
Port B5
SPI Master In/ Slave Out Data
or ISP Data
7
7
PB4/MOSI
I/O
CT
X
ei1
X
X
Port B4
SPI Master Out / Slave In Data
8
NC
Not Connected
9
NC
10
8
PB3/OCMP2_A
I/O
CT
X
ei1
X
X
Port B3
Timer A Output Compare 2
11
9
PB2/ICAP2_A
I/O
CT
X
ei1
X
X
Port B2
Timer A Input Capture 2
12 10 PB1 /OCMP1_A
I/O
CT
X
ei1
X
X
Port B1
Timer A Output Compare 1
13 11 PB0 /ICAP1_A
I/O
CT
X
ei1
X
X
Port B0
Timer A Input Capture 1
14 12 PC5/EXTCLK_A/AIN5 I/O
CT
X
ei0/ei1
X
X
Port C5
Timer A Input Clock or ADC
Analog Input 5
15 13 PC4/OCMP2_B/AIN4
I/O
CT
X
ei0/ei1
X
X
Port C4
Timer B Output Compare 2 or
ADC Analog Input 4
16 14 PC3/ ICAP2_B/AIN3
I/O
CT
X
ei0/ei1
X
X
X
Port C3
Timer B Input Capture 2 or
ADC Analog Input 3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com