Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 83Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 84Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 85Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 86Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 87Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 88Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 89Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 90Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
87/140
8-BIT A/D CONVERTER (ADC) (Cont’d)
12.5.3.2 Digital A/D Conversion Result
The conversion is monotonic, meaning that the re-
sult never decreases if the analog input does not
and never increases if the analog input does not.
If the input voltage (VAIN) is greater than or equal
to VDDA (high-level voltage reference) then the
conversion result in the DR register is FFh (full
scale) without overflow indication.
If input voltage (VAIN) is lower than or equal to
VSSA (low-level voltage reference) then the con-
version result in the DR register is 00h.
The A/D converter is linear and the digital result of
the conversion is stored in the ADCDR register.
The accuracy of the conversion is described in the
parametric section.
RAIN is the maximum recommended impedance
for an analog input signal. If the impedance is too
high, this will result in a loss of accuracy due to
leakage and sampling not being completed in the
alloted time.
12.5.3.3 A/D Conversion Phases
The A/D conversion is based on two conversion
phases as shown in Figure 2:
s
Sample capacitor loading [duration: tLOAD]
During this phase, the VAIN input voltage to be
measured is loaded into the CADC sample
capacitor.
s
A/D conversion [duration: tCONV]
During this phase, the A/D conversion is
computed (8 successive approximations cycles)
and the CADC sample capacitor is disconnected
from the analog input pin to get the optimum
analog to digital conversion accuracy.
While the ADC is on, these two phases are contin-
uously repeated.
At the end of each conversion, the sample capaci-
tor is kept loaded with the previous measurement
load. The advantage of this behaviour is that it
minimizes the current consumption on the analog
pin in case of single input channel measurement.
12.5.3.4 Software Procedure
Refer to the control/status register (CSR) and data
register (DR) in Section 0.1.6 for the bit definitions
and to Figure 2 for the timings.
ADC Configuration
The total duration of the A/D conversion is 12 ADC
clock periods (1/fADC=2/fCPU).
The analog input ports must be configured as in-
put, no pull-up, no interrupt. Refer to the «I/O
ports» chapter. Using these pins as analog inputs
does not affect the ability of the port to be read as
a logic input.
In the CSR register:
– Select the CH[3:0] bits to assign the analog
channel to be converted.
ADC Conversion
In the CSR register:
– Set the ADON bit to enable the A/D converter
and to start the first conversion. From this time
on, the ADC performs a continuous conver-
sion of the selected channel.
When a conversion is complete
– The COCO bit is set by hardware.
– No interrupt is generated.
– The result is in the DR register and remains
valid until the next conversion has ended.
A write to the CSR register (with ADON set) aborts
the current conversion, resets the COCO bit and
starts a new conversion.
Figure 48. ADC Conversion Timings
12.5.4 Low Power Modes
Note: The A/D converter may be disabled by reset-
ting the ADON bit. This feature allows reduced
power consumption when no conversion is needed
and between single shot conversions.
12.5.5 Interrupts
None
Mode
Description
WAIT
No effect on A/D Converter
HALT
A/D Converter disabled.
After wakeup from Halt mode, the A/D Con-
verter requires a stabilisation time before ac-
curate conversions can be performed.
ADCCSR WRITE
ADON
COCO BIT SET
tLOAD
tCONV
OPERATION
HOLD
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com