Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 6Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 7Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 8Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 9Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 10Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 11Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 12Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 13Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
10/140
3 REGISTER & MEMORY MAP
As shown in the Figure 4, the MCU is capable of
addressing 64K bytes of memories and I/O regis-
ters.
The available memory locations consist of 128
bytes of register location, 256 bytes of RAM and
up to 8Kbytes of user program memory. The RAM
space includes up to 128 bytes for the stack from
0100h to 017Fh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 4. Memory Map
0000h
Program Memory
(4K, 8 KBytes)
Interrupt & Reset Vectors
HW Registers
DFFFh
0080h
007Fh
(see Table 2)
E000h
FFDFh
FFE0h
FFFFh
(see Table 5 on page 26)
0180h
Reserved
017Fh
Short Addressing RAM
0100h
017Fh
0080h
00FFh
256 Bytes RAM
4 KBytes
F000h
E000h
8 KBytes
FFFFh
Zero page
(128 Bytes)
Stack or
16-bit Addressing RAM
(128 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com