Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 94Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 95Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 96Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 97Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 98Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 99Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 100Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 101Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
98/140
14.3 OPERATING CONDITIONS
14.3.1 General Operating Conditions
Figure 51. fOSC Maximum Operating Frequency Versus VDD Supply Voltage for ROM devices
2)
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
see Figure 51 and Figure 52
3.2
5.5
V
fOSC
External clock frequency
VDD≥3.5V for ROM devices
VDD≥4.5V for FLASH devices
0 1)
16
MHz
VDD≥3.2V
0 1)
8
TA
Ambient temperature range
1 Suffix Version
0
70
°C
5 Suffix Version
-10
85
6 Suffix Version
-40
85
7 Suffix Version
-40
105
3 Suffix Version
-40
125
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.5
3.2
3.5
4
4.5
5
5.5
FUNCTIONALITY
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
WITH RESONATOR 1)
3.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com