Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 98Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 99Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 100Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 101Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 102Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 103Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 104Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 105Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
102/140
14.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
14.4.1 RUN and SLOW Modes
Figure 59. Typical IDD in RUN vs. fCPU
Figure 60. Typical IDD in SLOW vs. fCPU
Notes:
1. Typical data are based on TA=25°C, VDD=5V (4.5V≤VDD≤5.5V range) and VDD=3.4V (3.2V≤VDD≤3.6V range).
2. Data based on characterization results, tested in production at VDD max. and fCPU max.
3. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (OSC1) driven by external square wave, CSS and LVD disabled.
4. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave, CSS and LVD disabled.
Symbol
Parameter
Conditions
Max
Unit
∆I
DD(
∆Ta)
Supply current variation vs. temperature
Constant VDD and fCPU
10
%
Symbol
Parameter
Conditions
Typ 1)
Max 2)
Unit
IDD
Supply current in RUN mode 3)
(see Figure 59)
fOSC=1MHz, fCPU=500kHz
fOSC=4MHz, fCPU=2MHz
fOSC=16MHz, fCPU=8MHz
500
1500
5600
900
2500
9000
µA
Supply current in SLOW mode 4)
(see Figure 60)
fOSC=1MHz, fCPU=31.25kHz
fOSC=4MHz, fCPU=125kHz
fOSC=16MHz, fCPU=500kHz
150
250
670
450
550
1250
Supply current in RUN mode 3)
(see Figure 59)
fOSC=1MHz, fCPU=500kHz
fOSC=4MHz, fCPU=2MHz
fOSC=16MHz, fCPU=8MHz
300
970
3600
550
1350
4500
Supply current in SLOW mode 4)
(see Figure 60)
fOSC=1MHz, fCPU=31.25kHz
fOSC=4MHz, fCPU=125kHz
fOSC=16MHz, fCPU=500kHz
100
170
420
250
300
700
3.2
3.5
4
4.5
5
5.5
VDD [V]
0
1
2
3
4
5
6
7
IDD [mA]
8MHz
4MHz
2MHz
500kHz
3.2
3.5
4
4.5
5
5.5
VDD [V]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IDD [mA]
500kHz
250kHz
125kHz
31.25kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com