Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 102Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 103Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 104Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 105Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 106Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 107Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 108Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 109Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
106/140
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
14.5.3 Crystal and Ceramic Resonator Oscillators
The ST7 internal clock can be supplied with four
different Crystal/Ceramic resonator oscillators. All
the information given in this paragraph are based
on characterization results with specified typical
external components. In the application, the reso-
nator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to
minimize output distortion and start-up stabiliza-
tion time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, pack-
age, accuracy...).
14.5.3.1 Typical Crystal Resonators
Figure 64. Typical Application with a Crystal Resonator
Notes:
1. Resonator characteristics given by the crystal manufacturer.
2. tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8V and the fetch of the first instruction (with a
quick VDD ramp-up from 0 to 5V (<50µs).
3. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal manufacturer for more details.
Symbol
Parameter
Conditions
Min
Max
Unit
fOSC
Oscillator Frequency 3)
LP: Low power oscillator
MP: Medium power oscillator
MS: Medium speed oscillator
HS: High speed oscillator
1
>2
>4
>8
2
4
8
16
MHz
RF
Feedback resistor
20
40
k
Ω
CL1
CL2
Recommended load capacitance ver-
sus equivalent serial resistance of the
crystal or ceramic resonator (RS)
RS=200Ω
LP oscillator
RS=200Ω
MP oscillator
RS=200Ω
MS oscillator
RS=100Ω
HS oscillator
38
32
18
15
56
46
26
21
pF
i2
OSC2 driving current
VDD=5V
LP oscillator
VIN=VSS
MP oscillator
MS oscillator
HS oscillator
40
110
180
400
100
190
360
700
µA
Option
Byte
Config.
Reference
Freq.
Characteristic 1)
CL1
[pF]
CL2
[pF]
tSU(osc)
[ms] 2)
LP
S-200-30-30/50
2MHz
∆f
OSC=[±30ppm25°C,±30ppm
∆Ta], Typ. RS=200Ω
33
34
10~15
MP
SS3-400-30-30/30
4MHz
∆f
OSC=[±30ppm25°C,±30ppm
∆Ta], Typ. RS=60Ω
33
34
7~10
MS
SS3-800-30-30/30
8MHz
∆f
OSC=[±30ppm25°C,±30ppm
∆Ta], Typ. RS=25Ω
33
34
2.5~3
HS
SS3-1600-30-30/30
16MHz
∆f
OSC=[±30ppm25°C,±30ppm
∆Ta], Typ. RS=15Ω
33
34
1~1.5
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com