Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 92Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 93Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 94Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 95Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 96Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 97Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 98Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 99Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
96/140
14 ELECTRICAL CHARACTERISTICS
14.1 PARAMETER CONDITIONS
Unless otherwise specified, all voltages are re-
ferred to VSS.
14.1.1 Minimum and Maximum values
Unless otherwise specified the minimum and max-
imum values are guaranteed in the worst condi-
tions of ambient temperature, supply voltage and
frequencies by tests in production on 100% of the
devices with an ambient temperature at TA=25°C
and TA=TAmax (given by the selected temperature
range).
Data based on characterization results, design
simulation and/or technology characteristics are
indicated in the table footnotes and are not tested
in production. Based on characterization, the min-
imum and maximum values refer to sample tests
and represent the mean value plus or minus three
times the standard deviation (mean±3
Σ).
14.1.2 Typical values
Unless otherwise specified, typical data are based
on TA=25°C, VDD=5V (for the 4.5V≤VDD≤5.5V
voltage range) and VDD=3.3V (for the 3V≤VDD≤4V
voltage range). They are given only as design
guidelines and are not tested.
14.1.3 Typical curves
Unless otherwise specified, all typical curves are
given only as design guidelines and are not tested.
14.1.4 Loading capacitor
The loading conditions used for pin parameter
measurement are shown in Figure 49.
Figure 49. Pin loading conditions
14.1.5 Pin input voltage
The input voltage measurement on a pin of the de-
vice is described in Figure 50.
Figure 50. Pin input voltage
CL
ST7 PIN
VIN
ST7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com