Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 96Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 97Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 98Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 99Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 100Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 101Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 102Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 103Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
100/140
OPERATING CONDITIONS (Cont’d)
14.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fOSC, and TA.
Figure 53. High LVD Threshold Versus V
DD and f
OSC for FLASH devices
3)
Figure 54. Medium LVD Threshold Versus V
DD and f
OSC for FLASH devices
3)
Figure 55. Low LVD Threshold Versus V
DD and f
OSC for FLASH devices
2)4)
Notes:
1. LVD typical data are based on TA=25°C. They are given only as design guidelines and are not tested.
2. Data based on characterization results, not tested in production.
3. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset. Not tested in production.
4. If the low LVD threshold is selected, when VDD falls below 3.2V, (VDD minimum operating voltage), the device is guar-
anteed to continue functioning until it goes into reset state. The specified VDD min. value is necessary in the device power
on phase, but during a power down phase or voltage drop the device will function below this min. level.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIT+
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.10 2)
3.75 2)
3.25 2)
4.30
3.90
3.35
4.50
4.05
3.55
V
VIT-
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold4)
3.85 2)
3.50 2)
3.00
4.05
3.65
3.10
4.30
3.95
3.35
Vhyst
LVD voltage threshold hysteresis
VIT+-VIT-
200
250
300
mV
VtPOR
VDD rise time rate
3)
0.2
50
V/ms
tg(VDD)
Filtered glitch delay on VDD
2)
Not detected by the LVD
40
ns
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTIONAL AREA
DEVICE UNDER
FUNCTIONALITY AND RESET NOT GUARANTEED IN THIS AREA
FOR TEMPERATURES HIGHER THAN 85°C
RESET
IN THIS AREA
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
VIT-≥3.85
12
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
0
2.5
3
VIT-≥3.5V
4
4.5
5
5.5
FUNCTIONAL AREA
DEVICE UNDER
FUNCTIONALITY AND RESET NOT GUARANTEED IN THIS AREA
FOR TEMPERATURES HIGHER THAN 85°C
RESET
IN THIS AREA
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
12
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
0
2.5
VIT-≥3V
3.5
4
4.5
5
5.5
FUNCTIONAL AREA
DEVICE UNDER
FUNCTIONALITY NOT GUARANTEED IN THIS AREA
FOR TEMPERATURES HIGHER THAN 85°C
RESET
IN THIS AREA
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
12
3.2
SEE NOTE 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com