Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 107Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 108Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 109Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 110Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 111Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 112Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 113Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 114Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
111/140
CLOCK CHARACTERISTICS (Cont’d)
14.5.5 Clock Security System (CSS)
Figure 69. Typical Safe Oscillator Frequencies
Note:
1. Data based on characterization results, tested in production between 90KHz and 600KHz.
2. Filtered glitch on the fOSC signal. See functional description in Section 7.5 on page 23 for more details.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSFOSC
Safe Oscillator Frequency 1)
TA=25°C, VDD=5.0V
250
340
550
kHz
TA=25°C, VDD=3.4V
190
260
450
fGFOSC
Glitch Filtered Frequency 2)
30
MHz
3.2
5.5
VDD [V]
200
250
300
350
400
fosc [kHz]
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com