Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 130Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 131Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 132Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 133Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 134Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 135Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 136Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 137Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
134/140
16.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the S19 hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 101. ROM Factory Coded Device Types
Figure 102. FLASH User Programmable Device Types
DEVICE PACKAGE
TEMP.
RANGE
XXX
/
Code name (defined by STMicroelectronics)
1 = standard 0 to +70 °C
5 = extended -10 to +85°C
6 = industrial -40 to +85 °C
7 = automotive -40 to +105°C
3 = automotive -40 to +125 °C
B= Plastic DIP
M= Plastic SOIC
ST72104G1, ST72104G2,
ST72215G2, ST72216G1,
ST72254G1, ST72254G2
DEVICE PACKAGE
TEMP.
RANGE
1= standard 0 to +70 °C
5 = extended -10 to +85°C
6= industrial -40 to +85 °C
7= automotive -40 to +105°C
3 = automotive -40 to +125 °C
B= Plastic DIP
M= Plastic SOIC
ST72C104G1, ST72C104G2,
ST72C215G2, ST72C216G1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com