Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 17 Page - SMSC Corporation

Part # EMC1053
Description  1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button EMC1053_07 Datasheet HTML 13Page - SMSC Corporation EMC1053_07 Datasheet HTML 14Page - SMSC Corporation EMC1053_07 Datasheet HTML 15Page - SMSC Corporation EMC1053_07 Datasheet HTML 16Page - SMSC Corporation EMC1053_07 Datasheet HTML 17Page - SMSC Corporation EMC1053_07 Datasheet HTML 18Page - SMSC Corporation EMC1053_07 Datasheet HTML 19Page - SMSC Corporation EMC1053_07 Datasheet HTML 20Page - SMSC Corporation EMC1053_07 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
FDh
N/A
R
External Diode 2 Low
Byte - Extended
Format
ET2LBE
0.5
0.25
0.125
00h
Status and Control
02h
N/A
R
Status
STS
Busy
-
-
HOTT
ER
-
-
D2
D1
00h
03h
09h
R/W
Configuration
CFG
-
ADC_ST
OP
-
-
-
CR<2:0>
45h
04h
04h
R/W
Configuration 2
CFG2
-
-
-
-
MAX_
RES
DA_n
COMP
REC
09h
One Shot
N/A
0Fh
W
One Shot Conversion
Shot
The data written to this register is irrelevant and will not be stored
00h
Ideality
27h
27h
R/W
External Diode 1
Ideality Correction
Factor
IDCF1
-
-
B5
B4
B3
B2
B1
B0
12h
(1.008)
28h
28h
R/W
External Diode 2
Ideality Correction
Factor
IDCF2
-
-
B5
B4
B3
B2
B1
B0
12h
(1.008)
29h
29h
R/W
External Diode 1 Beta
Configuration
BCF1
-
-
-
-
-
BETA<2:0>
07h
2Ah
2Ah
R/W
External Diode 2 Beta
Configuration
BCF2
-
-
-
-
-
BETA<2:0>
07h
EDh
EDh
R
Product ID
PID
0
0
1
1
1
1
0
0
3Ch
FEh
FEh
R
Manufacturer ID
SMSC
0
1
0
1
1
1
0
1
5Dh
FFh
FFh
R
Revision Register
REV
-
-
-
-
0
0
0
1
01h
Table 4.1 EMC1053 Register Set (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
SYMBOL
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
VALUE
READ
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com