Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 24 Page - SMSC Corporation

Part # EMC1053
Description  1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button EMC1053_07 Datasheet HTML 18Page - SMSC Corporation EMC1053_07 Datasheet HTML 19Page - SMSC Corporation EMC1053_07 Datasheet HTML 20Page - SMSC Corporation EMC1053_07 Datasheet HTML 21Page - SMSC Corporation EMC1053_07 Datasheet HTML 22Page - SMSC Corporation EMC1053_07 Datasheet HTML 23Page - SMSC Corporation EMC1053_07 Datasheet HTML 24Page - SMSC Corporation EMC1053_07 Datasheet HTML 25Page - SMSC Corporation EMC1053_07 Datasheet HTML 26Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.37 (02-05-07)
24
SMSC EMC1053
DATASHEET
Te m pe rature Error vs . Le ak age Re s is tance
(2N3904, TA = T
DIODE = 27°C, V DD = 3.3V )
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
1
10
100
Le ak age Re s is tance (M
Ω )
DP to GND
DP to VDD
Standby Current vs. Supply Voltage
(TA = 27°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.9
3.1
3.3
3.5
3.7
Supply Voltage (V)
Temperature Error vs. Series Resistance
2N3904, TA = T
DIODE = 27°C, VDD = 3.3V
0.0
0.3
0.5
0.8
1.0
0
20
40
60
80
100
Series Resitance (Ω)
0
15
30
45
60
75
REC Active
REC Disabled
Temperature Error vs. CPUTemperature
Typical 65nm CPUfrom major vendor
(TA = 27°C, VDD= 3.3V, BETA = 011, C
FILTER = 0pF)
-1
0
1
2
3
4
5
20
30
40
50
60
70
80
90
100
CPUTemperature (°C)
Beta Compensation Enabled
Beta Compensation Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com