Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1053
Description  1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1053_07 Datasheet HTML 17Page - SMSC Corporation EMC1053_07 Datasheet HTML 18Page - SMSC Corporation EMC1053_07 Datasheet HTML 19Page - SMSC Corporation EMC1053_07 Datasheet HTML 20Page - SMSC Corporation EMC1053_07 Datasheet HTML 21Page - SMSC Corporation EMC1053_07 Datasheet HTML 22Page - SMSC Corporation EMC1053_07 Datasheet HTML 23Page - SMSC Corporation EMC1053_07 Datasheet HTML 24Page - SMSC Corporation EMC1053_07 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
SMSC EMC1053
21
Revision 1.37 (02-05-07)
DATASHEET
4.8
Beta Configuration Registers (29h - 2Ah)
By default, the beta compensation circuitry is disabled and the EMC1053 is configured to measure
discrete diode-connected transistors. Writing to the Beta Configuration Registers will enable the beta
compensation circuitry and should be used if measuring a CPU substrate diode.
The beta compensation circuit is able to compensate for beta variation within a given range. The beta
configuration register is configured to the proper range to match the CPU to be monitored. The beta
values should be set so that the minimum expected beta is not below the threshold indicated in
Table 4.10. Beta compensation is activated if the BETA<2:0> bits are set to any value other than 07h.
Table 4.8 Ideality Factor Look Up Table
SETTING
FACTOR
SETTING
FACTOR
SETTING
FACTOR
001000
0.9951
011000
1.0159
101000
1.0377
001001
0.9964
011001
1.0173
101001
1.0391
001010
0.9976
011010
1.0186
101010
1.0404
001011
0.9989
011011
1.0199
101011
1.0418
001100
1.0002
011100
1.0213
101100
1.0432
001101
1.0015
011101
1.0226
101101
1.0446
001110
1.0028
011110
1.0240
101110
1.0460
001111
1.0041
011111
1.0253
101111
1.0475
010000
1.0054
100000
1.0267
110000
1.0489
010001
1.0067
100001
1.0280
110001
1.0503
010010
1.0080
100010
1.0294
010011
1.0093
100011
1.0308
010100
1.0106
100100
1.0321
010101
1.0119
100101
1.0335
010110
1.0133
100110
1.0349
010111
1.0146
100111
1.0363
Table 4.9 Beta Configuration Registers
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
29h
Diode 1 Beta
Configuration
-
-
-
-
-
BETA<2:0>
07h
2Ah
Diode 2 Beta
Configuration
-
-
-
-
-
BETA<2:0>
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com