Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 23 Page - SMSC Corporation

Part # EMC1053
Description  1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button EMC1053_07 Datasheet HTML 18Page - SMSC Corporation EMC1053_07 Datasheet HTML 19Page - SMSC Corporation EMC1053_07 Datasheet HTML 20Page - SMSC Corporation EMC1053_07 Datasheet HTML 21Page - SMSC Corporation EMC1053_07 Datasheet HTML 22Page - SMSC Corporation EMC1053_07 Datasheet HTML 23Page - SMSC Corporation EMC1053_07 Datasheet HTML 24Page - SMSC Corporation EMC1053_07 Datasheet HTML 25Page - SMSC Corporation EMC1053_07 Datasheet HTML 26Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
SMSC EMC1053
23
Revision 1.37 (02-05-07)
DATASHEET
Chapter 5 Typical Operating Curves
Supply Curre nt vs. Conve rsion Ra te
(TA = 27°C, VDD = 3.3V)
0
100
200
300
400
500
600
700
800
1248
16
Conversion Rate (conv / sec)
Temperature Error vs. Filter Capacitor
(2N3904, TA = 27°C, TDIODE = 27°C, VDD = 3.3V)
-1.0
-0.8
-0.5
-0.3
0.0
0.3
0.5
0
1000
2000
3000
4000
Filter Capacitor (pF)
Temperature Error vs. Ambient Temperature
(2N3904, TDIODE = 27°C, VDD = 3.3V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
153045
607590
Ambient Temperature (°C)
Temperature Error vs. External Diode Temperature
(2N3904, TA=42.5°C, VDD = 3.3V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
External Diode Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com