Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 20 Page - SMSC Corporation

Part # EMC1053
Description  1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button EMC1053_07 Datasheet HTML 16Page - SMSC Corporation EMC1053_07 Datasheet HTML 17Page - SMSC Corporation EMC1053_07 Datasheet HTML 18Page - SMSC Corporation EMC1053_07 Datasheet HTML 19Page - SMSC Corporation EMC1053_07 Datasheet HTML 20Page - SMSC Corporation EMC1053_07 Datasheet HTML 21Page - SMSC Corporation EMC1053_07 Datasheet HTML 22Page - SMSC Corporation EMC1053_07 Datasheet HTML 23Page - SMSC Corporation EMC1053_07 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.37 (02-05-07)
20
SMSC EMC1053
DATASHEET
‘1’ - dynamic averaging is disabled. The ADC averaging factor will remain fixed at 1x for all
conversion rates and will allow increased power savings at the slower conversion rates.
Bit 1 - COMP - configures the device to perform a comparison for the Hotter of Two mode (see Section
3.3, "Operation During Run Mode," on page 11.)
‘0’ (default) - the device is in normal mode
‘1’ - the device is in Hotter of Two mode. In this mode, the two external diode channels are
measured and compared against each other. The hotter of the two channels has its data loaded
into the External Diode 2 Data Registers. The Internal Diode and External Diode 1 Data Registers
remain unaffected.
Bit 0 - REC - controls the Resistance Error Correction circuitry
'0' - - The Resistance Error Correction circuitry is disabled.
'1' (default) - The Resistance Error Correction circuitry is active and will automatically correct for
up to 100 ohms of series resistance in the diode lines for both External Diode 1 and External Diode
2 channels.
4.6
One Shot Register - (0Fh)
The One Shot Register is an address place holder for the one-shot command. Writing to the address
initiates the command. The data written is not important and is not stored. Reading from the one-shot
registers will always return 00h.
4.7
Ideality Configuration Registers (27h - 28h)
The Ideality Configuration Registers store the ideality correction factor that is applied to each external
diode.
The table below shows the ideality factor settings for the Ideality Configuration registers. Shading
indicates power-up default. All codes that are not listed are reserved and should not be used.
Beta Compensation and Resistance Error Correction automatically correct for most diode ideality
errors, therefore it is not recommended that these settings be updated without consulting SMSC.
Table 4.6 One Shot Registers
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
One Shot
Conversion
Writing to this register address initiates the one-shot. The data is not
important and is not stored
00h
Table 4.7 Ideality Configuration Registers
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
Diode 1 Ideality
Correction Factor
-
-
B5
B4
B3
B2
B1
B0
12h
(1.008)
28h
Diode 2 Ideality
Correction Factor
-
-
B5
B4
B3
B2
B1
B0
12h
(1.008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com