Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 6 Page - SMSC Corporation

Part # EMC1053
Description  1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button EMC1053_07 Datasheet HTML 2Page - SMSC Corporation EMC1053_07 Datasheet HTML 3Page - SMSC Corporation EMC1053_07 Datasheet HTML 4Page - SMSC Corporation EMC1053_07 Datasheet HTML 5Page - SMSC Corporation EMC1053_07 Datasheet HTML 6Page - SMSC Corporation EMC1053_07 Datasheet HTML 7Page - SMSC Corporation EMC1053_07 Datasheet HTML 8Page - SMSC Corporation EMC1053_07 Datasheet HTML 9Page - SMSC Corporation EMC1053_07 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.37 (02-05-07)
6
SMSC EMC1053
DATASHEET
Chapter 1 Pin Function
Figure 1.1 EMC1053 Pin Diagram
Table 1.1 EMC1053 Pin Description
PIN
PIN NO.
DESCRIPTION
DP1
1
External Diode 1 Positive (anode) Connection
DN1
2
External Diode 1 Negative (cathode) Connection
DP2
3
External Diode 2 Positive (anode) Connection
DN2
4
External Diode 2 Negative (cathode) Connection
GND
5
Ground
VDD
6
Supply Voltage
SMDATA
7
System Management Bus Data - bi-directional data, open drain output
SMCLK
8
System Management Bus Clock Input
8-MSOP
8
7
6
5
1
2
3
4
DP1
DN1
DP2
DN2
SMCLK
SMDATA
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com