Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721SEDS/R Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8721SEDS/R
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721SEDS/R Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8721SEDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 37Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Production Data
WM8721 / WM8721L
w
PD Rev 4.0 November 2004
35
RECOMMENDED EXTERNAL COMPONENTS
WM8721
DAC
RHPOUT
VMID
LOUT
+
10µF
47kΩ
100Ω
9
LHPOUT
+
47kΩ
220µF
6
AVDD
AGND
11
12
3.3V
HPVDD
HPGND
8
5
3.3V
ROUT
+
10µF
47kΩ
100Ω
10
+
47kΩ
220µF
7
0.1µF
10µF
+
13
DACLRC
DACDAT
DBVDD
DCVDD
3.3V
DGND
1.5V - 3.3V
+
+
1
20
19
BCLK
2
Audio Serial Data I/F
4
3
3-wire or 2-wire
MPU Interface
3-wire Interface
2-wire Interface
SDIN
16
CSB
15
SCLK
17
MODE
14
10µF0.1µF
10kΩ
3.3V
MCLK
+
10µF
+
18
0.1µF
10µF
0.1µF
0.1µF10µF
Note
1. Where possible, it is recommended that NPO or COG type capacitors should be used for best performance.
2. The recommended external components are the same for both the QFN and SSOP packages.
Figure 34 External Components Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com