Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721SEDS/R Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8721SEDS/R
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721SEDS/R Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8721SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
WM8721 / WM8721L
Production Data
w
PD Rev 4.0 November 2004
24
USB MODE SAMPLE RATES
In USB mode the MCLK input is 12MHz only.
SAMPLING
RATE
DAC
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
48
12.000
0
0
0
0
0
0
44.1 (Note 2)
12.000
1
1
0
0
0
1
8
12.000
0
0
0
0
1
0
8 (Note 1)
12.000
1
1
0
0
1
1
32
12.000
0
0
1
1
0
0
96
12.000
0
0
1
1
1
3
88.2 (Note 3)
12.000
1
1
1
1
1
2
Table 13 USB Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.021kHz
2.
44.1k not exact, actual = 44.118kHz
3.
88.1k not exact, actual = 88.235kHz
4.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8721 digital signal
processing is carried out at and the sampling rate will always be a sub-multiple of this. In USB mode,
with BOSR = 0, the base over-sampling rate is defined at 250fs, with BOSR = 1, the base over-
sampling rate is defined at 272fs. This can be used to determine the actual audio sampling rate
required by the DAC.
The exact sample rates supported for all combinations are defined by the relationships in Table 14
below.
ACTUAL SAMPLING RATE
TARGET
SAMPLING
RATE
BOSR=0
( 250fs)
BOSR=1
(272fs)
kHz
kHz
kHz
8
8.021
8
12MHz/(250 x 48/8)
12MHz/(272 x 11/2)
32
32
12MHz/(250 x 48/32)
not available
44.118
44.1
not available
12MHz/272
48
48
12MHz/250
not available
88.235
88.2
not available
12MHz/136
96
96
12MHz/125
not available
Table 14 USB Mode Actual Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com